Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5302-1.8YMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5302-1.8YMT
Description  150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5302-1.8YMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5302-1.8YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5302-1.8YMT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC5302
October 2006
4
M9999-102506-B
Absolute Maximum Ratings(1)
Supply Voltage (VIN)............................................. 0V to +6V
Enable Input (VEN) ................................................ 0V to +6V
Power Dissipation
(3)...................................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings(2)
Supply voltage (VIN) ..................................... +2.3V to +5.5V
Enable Input (VEN).................................................. 0V to VIN
Junction Temperature (TA)........................–40°C to +125°C
Junction Thermal Resistance
Thin MLF
® -4 (θ
JA) ...........................................173°C/W
Electrical Characteristics(4)
VIN = VOUT + 1V; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–2
+2
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–3
+3
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
Load Regulation
(5)
IOUT = 100µA to 150mA
0.5
2.0
%
Dropout Voltage
(6)
IOUT = 100µA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
0.1
15
30
50
35
100
mV
mV
mV
mV
Ground Pin Current
(7)
IOUT = 0 to 150mA, EN = High
85
120
µA
Ground Pin Current in
Shutdown
VEN = 0V
0.1
2
µA
Ripple Rejection
f = up to 1kHz; COUT = 1.0µF
f = 1kHz – 20kHz; COUT = 1.0µF
65
42
dB
dB
Current Limit
VOUT = 0V
250
400
650
mA
Output Voltage Noise
COUT =1µF, 10Hz to 100kHz
120
µVRMS
Enable Input
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.1
V
VIL < 0.2V
0.01
1
µA
Enable Input Current
VIH > 1.0V
0.01
1
µA
Turn-on Time
COUT = 1.0µF
35
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) - TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Specification for packaged product only.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
7. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com