Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2696B Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP2696B
Description  I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2696B Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP2696B Datasheet HTML 1Page - MPS Industries, Inc. MP2696B Datasheet HTML 2Page - MPS Industries, Inc. MP2696B Datasheet HTML 3Page - MPS Industries, Inc. MP2696B Datasheet HTML 4Page - MPS Industries, Inc. MP2696B Datasheet HTML 5Page - MPS Industries, Inc. MP2696B Datasheet HTML 6Page - MPS Industries, Inc. MP2696B Datasheet HTML 7Page - MPS Industries, Inc. MP2696B Datasheet HTML 8Page - MPS Industries, Inc. MP2696B Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
MP2696B
– SW CHARGER WITH I2C CONTROL, BOOST OUTPUT
MP2696B Rev. 1.0
MonolithicPower.com
3
4/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP2696BGQ-0000**
QFN-21 (3mmx3mm)
See Below
1
EVKT-MP2696B
Evaluation kit
-
* For Tape & Reel, add suffix -Z (e.g. MP2696BGQ-xxxx-Z).
**“xxxx” is the register setting option. The factory default is “0000.” This content can be viewed
in the I2C register map. Contact an MPS FAE to obtain an
“xxxx” value.
TOP MARKING
BPF: Product code of MP2696BGQ
Y: Year code
LLLL: Lot number
EVALUATION KIT EVKT-MP2696B
EVKT-MP2696B kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
EV2696B-Q-00A
MP2696B evaluation board
1
2
EVKT-USBI2C-02-BAG
Includes one USB to I2C communication interface, one USB
cable, and one ribbon cable
1
3
Online resources
Include datasheet, user guide, product brief, and GUI
1
Order directly from MonolithicPower.com or our distributors.
USB to I
2C
Communication
Interface
USB Cable
Ribbon Cable
Input Power
Supply
EV2696B-Q-00A
Load
Input
Output
GUI
Figure 1: EVKT-MP2696B Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com