Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4864A Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 3Page - MPS Industries, Inc. MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. MP4864A Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
7
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DC ELECTRICAL CHARACTERISTICS
VDD = 12V, VLL = 5V, unless otherwise noted. (5)
Parameter
Sym. Conditions
TJ = 0°C
TJ = 25°C
TJ = 70°C
Units
Min
Max
Min
Typ
Max
Min
Max
Analog signal range
VSIG
Applied to the SWIN pin
0
±90
0
±90
0
±90
V
On resistance
RON
ISIG = ±5mA,
SWOUT = 0V,
see Figure 2 on page 12
20
14
24
30
Ω
ISIG = ±200mA,
SWOUT = 0V,
see Figure 2 on page 12
16
13.5
19
24
Small signal on-
resistance matching
RON-S
ISIG = ±5mA,
SWOUT = 0V
5.0
%
Large signal on
resistance (6)
RON-L
ISIG = ±1A, tPW
≤ 500ns,
duty cycle
≤ 1%,
SWOUT = 0V,
see Figure 3 on page 12
13
Ω
Switch output peak
current
ISWPK
tPW
≤ 100ns,
duty cycle
≤ 1%
±2
A
Output bleed resistor
RBLEED ISIG = ±50µA
20
30
50
k
Ω
Switch-off DC offset
VDC-OFF
No load, no VSIG,
see Figure 4 on page 12
±50
±50
±50
mV
Switch-on DC offset
VDC-ON
No load, no VSIG,
see Figure 4 on page 12
±50
±50
±50
mV
VLL quiescent current
ILLQ
All logic inputs are static
100
100
100
µA
VDD quiescent current
IDDQ
All switches on or off,
SWIN = SWOUT = GND
180
180
180
µA
VLL average dynamic
current
ILL
fCLK = 40MHz,
DIN = 20MHz
9
18
mA
fCLK = 80MHz (6),
DIN = 40MHz
18
mA
VDD average dynamic
current
IDD
All output switches are
turning on and off at
50kHz
11
22
mA
Low input logic voltage
VIL
0
0.2 x
VLL
0
0.2 x
VLL
0
0.2 x
VLL
V
High input logic voltage
VIH
0.8 x
VLL
VLL
0.8 x
VLL
VLL
0.8 x
VLL
VLL
V
Low input logic current
IIL
-1
-1
-1
µA
High input logic current
IIH
1
1
1
µA
Data out logic low
voltage
VOL
ISINK = 10mA
1
1
1
V
Data out logic high
voltage
VOH
ISOURCE = 10mA
VLL - 1
VLL - 1
VLL - 1
V
Input logic capacitance
CIN
10
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com