Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8794GLE Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MP8794GLE
Description  16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8794GLE Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MP8794GLE Datasheet HTML 14Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 15Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 16Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 17Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 18Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 19Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 20Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 21Page - MPS Industries, Inc. MP8794GLE Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP8794
– 16V, 20A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8794 Rev. 1.0
www.MonolithicPower.com
20
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best results, refer to Figure 6
and follow the guidelines below:
1. Place the input MLCC capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP8794.
3. Maximize the VIN and PGND copper plane
to minimize the parasitic impedance.
4. Use as many PGND vias as possible, and
place them close to PGND to minimize both
parasitic impedance and thermal resistance.
5. Place the VCC decoupling capacitor close
to the device.
6. Connect AGND and PGND at the point of
the VCC capacitor
’s ground connection.
7. Place the BST capacitor as close to BST
and SW as possible with traces 20 mil or
wider to route the path. It is recommended
to use a bootstrap capacitor between 0.1µF
and 1µF.
8. Place the SS capacitor close to REF/TRK to
VSNS-.
9. If they must be placed on the PGOOD pad,
place vias at least 10mm away from the
positive side of the first input decoupling
capacitor and close to the IC.
SW
PGND
VOUT
PGND
VIN
VO-
RFB2
RCS
RBST
CSS2
VOSENSE+
VOSENSE-
CVCC
VIN
Figure 6: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com