Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3612 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MPM3612
Description  3V to 22V Input, 1A, Ultra-Low 5μA IQ Power Module in an LGA Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3612 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MPM3612 Datasheet HTML 9Page - MPS Industries, Inc. MPM3612 Datasheet HTML 10Page - MPS Industries, Inc. MPM3612 Datasheet HTML 11Page - MPS Industries, Inc. MPM3612 Datasheet HTML 12Page - MPS Industries, Inc. MPM3612 Datasheet HTML 13Page - MPS Industries, Inc. MPM3612 Datasheet HTML 14Page - MPS Industries, Inc. MPM3612 Datasheet HTML 15Page - MPS Industries, Inc. MPM3612 Datasheet HTML 16Page - MPS Industries, Inc. MPM3612 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPM3612
– 22V, 1A, ULTRA-LOW IQ STEP-DOWN POWER MODULE
MPM3612 Rev. 1.0
MonolithicPower.com
13
3/15/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
The SS voltage (VSS) takes over the reference
voltage (VREF) to the PWM comparator. VOUT
ramps up smoothly with VSS. Once VSS exceeds
the VREF, it continues to ramp up while the PWM
comparator compares VREF and the FB voltage
(VFB). At this point, SS finishes and the device
enters steady state operation.
The internal soft-start time (tSS) is fixed to 1.3ms
(VOUT from 10% to 90%).
Pre-Biased Start-Up
The MPM3612 is designed for monotonic start-
up into pre-biased loads. If VOUT is pre-biased to
a certain voltage during start-up, VBST is
refreshed and charged and VSS is charged. If
VBST exceeds its rising threshold voltage and VSS
exceeds the sensed VFB, the part begins normal
operation.
Power Good (PG)
The MPM3612 features a power good (PG)
output to indicate whether VOUT is ready. The PG
pin is an open-drain output. Connect PG to VCC
or another voltage source via a pull-up resistor
(e.g. 100kΩ). When VIN is applied, the PG pin is
pulled down to GND before VSS reaches 1V.
Once VSS reaches 1V and VFB exceeds 92% of
VREF, there is a 120μs delay and PG is pulled
high. During normal operation, PG is pulled low
if VFB drops below 87% of VREF (after 50μs delay).
If
under-voltage
lockout
(UVLO)
or
over-
temperature protection (OTP) occurs, or EN
goes low, the PG pin is pulled low immediately.
If over-current protection (OCP) occurs and VFB
drops below 87% of VREF, there is a 50μs delay
and PG is pulled low.
PG also indicates whether an output over-
voltage (OV) condition has occurred. If VOUT
exceeds 113% of the VREF rising threshold, PG
pulls low. If VOUT falls below 108% of the VREF
falling threshold, PG pulls high again. The PG
deglitch timer is 120
μs and 50μs for the rising
and falling thresholds, respectively. Note that
this threshold is below the OVP discharge
threshold.
Low-Dropout (LDO) Operation
To improve dropout, the MPM3612 is designed
to extend the HS-FET on time if the minimum off
time (tOFF_MIN) is triggered. In this scenario, the
HS-FET on time is extended and fSW drops. The
typical minimum fSW (fSW_MIN) is 240kHz. If fSW
drops to 240kHz, the duty cycle reaches its
maximum (DMAX) for the duration of the on time.
If VIN continues to drop, the MPM3612 operates
at 240kHz and VOUT drops. The typical max duty
cycle (DMAX) can be calculated with Equation (2):
MAX
OFF_MIN
SW_MIN
D
= 1- t
x f
(2)
Where tOFF_MIN = 140ns, and fSW_MIN = 240kHz.
Output Over-Voltage Protection (OVP)
The MPM3612 monitors VOUT. If VOUT exceeds
120% of its regulated voltage for more than 8
μs,
the device enters OVP discharge mode. In OVP
discharge mode, the LS-FET turns on and
remains on until the low-side (LS) current
reaches
the
negative
current
limit.
This
discharges VOUT and tries to keep it within its
normal range. If a VOUT OV condition still exists,
the LS-FET turns on again after a fixed delay to
repeat the discharge behavior.
Once VFB falls below 110% of VREF, the
MPM3612 exits OVP discharge mode.
If VIN exceeds 24V during OVP discharge mode,
input OVP occurs and the MPM3612 shuts down
until VIN drops below 22V. Then the MPM3612
restarts and resumes normal operation. Input
OVP is only active during output OV conditions.
Output Discharge
The MPM3612 offers a discharge function that
provides an active discharge path for the
external COUT. This function is active when the
part is disabled via EN (EN is pulled low). When
EN is low, the HS-FET turns off and the LS-FET
turns to discharge VOUT. When the LS current
reaches its negative current limit, the LS-FET
turns off, then turns on again after a fixed delay.
This behavior repeats until FB goes low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MPM3612 includes valley current limit
control. When the LS-FET is on, IL is monitored.
If the sensed IL exceeds the valley current limit
threshold, the device enters OCP and the HS-
FET is not allowed to turn on until IL falls below
the valley current limit. Meanwhile, VOUT drops
until it is below the under-voltage (UV) threshold,
typically 60% below VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com