Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM3834C Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MPM3834C
Description  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MPM3834C Datasheet HTML 9Page - MPS Industries, Inc. MPM3834C Datasheet HTML 10Page - MPS Industries, Inc. MPM3834C Datasheet HTML 11Page - MPS Industries, Inc. MPM3834C Datasheet HTML 12Page - MPS Industries, Inc. MPM3834C Datasheet HTML 13Page - MPS Industries, Inc. MPM3834C Datasheet HTML 14Page - MPS Industries, Inc. MPM3834C Datasheet HTML 15Page - MPS Industries, Inc. MPM3834C Datasheet HTML 16Page - MPS Industries, Inc. MPM3834C Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
13
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MPM3834C comes in a small surface-
mounted ECLGA-14 (2.5mmx2.5mmx1.2mm)
package. The MPM3834C
’s integrated inductor
simplifies the schematic and layout design.
Only FB resistors, input capacitors, and output
capacitors are required to complete the design.
The MPM3834C uses constant-on-time (COT)
control
with
input
voltage
feed-forward
to
stabilize the switching frequency (fSW) across
the full input range.
Constant-On-Time Control (COT)
Compared
to
fixed-frequency
pulse-width
modulation (PWM) control, COT control offers
the advantage of a simpler control loop and
faster
transient
response.
By
using
input
voltage feed-forward, the MPM3834C maintains
a nearly constant fSW across the input and
output voltage ranges. The on time of the
switching pulse can be estimated with Equation
(1):
OUT
ON
IN
V
t
0.833
μs
V
=
(1)
To prevent inductor current runaway during the
load
transition,
the
MPM3834C
fixes
the
minimum off time at 230ns. This minimum off
time limit does not affect operation during
steady state.
Forced PWM Operation
The
MPM3834C
works
in
continuous
conduction mode (CCM) to achieve a smaller
output voltage ripple, load regulation, and load
transient response across the full load range.
Enable (EN)
If the input voltage (VIN) exceeds the under-
voltage lockout (UVLO) threshold (typically
2.5V), the MPM3834C can be enabled by
pulling EN above 1.2V. Leave EN floating or
pull
EN
down
to
ground
to
disable
the
MPM3834C. There is an internal pull-down
resistor connected from EN to ground.
Soft Start and Soft Shutdown
The MPM3834C has a built-in soft start that
ramps up the output voltage at a controlled slew
rate to prevent overshoots during start-up. The
soft-start time is tSS-ON.
When disabled, the MPM3834C ramps down
the
internal
reference,
so
the
load
can
discharge
the
output
linearly.
The
soft-
shutdown time is tSS-OFF.
Power Good (PG) Indicator
The MPM3834C has an open-drain power good
(PG) indication pin with a pull-up resistor (RPG).
When FB is within PG_OV and PG_UV, PG is
pulled up to IN by the internal resistor. If the FB
voltage is out of this window, PG is pulled down
to
ground
by
an
internal
MOSFET.
The
MOSFET has a maximum RDS(ON) of 100Ω.
Current Limit
The MPM3834C
’s high-side MOSFET (HS-
FET) has a typical peak current limit, and the
low-side
MOSFET (LS-FET)
has
a valley
current limit. When the HS-FET reaches its
current limit, the HS-FET turns off, and the LS-
FET turns on. When the current drops to the
valley current limit threshold, the MPM3834C
turns on the HS-FET again.
If the HS-FET reaches the peak current limit or
the LS-FET reaches the valley current limit for
64 consecutive cycles, the MPM3834C initiates
hiccup mode. It remains in hiccup mode until
the
current
decreases.
This
prevents
the
inductor current from continuously rising and
damaging components.
Short-Circuit Protection (SCP) and Recovery
If the output is shorted to GND, the current limit
is triggered. If the current limit is triggered every
for 64 consecutive cycles, the MPM3834C
enters hiccup mode and disables the output
power stage. The MPM3834C discharges the
soft-start capacitor, then automatically attempts
to soft start again. If the short-circuit condition
remains after soft start ends, the MPM3834C
repeats this operation until the short circuit is
removed and the output rises back to the
regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com