Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-90UIT Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD835G2-90UIT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UIT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD835G2-90UIT Datasheet HTML 5Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 6Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 7Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 8Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 9Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 10Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 11Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 12Page - STMicroelectronics PSD835G2-90UIT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
9/102
PSD835G2
SUMMARY DESCRIPTION
The PSD family of memory systems for microcon-
trollers (MCUs) brings In-System-Programmability
(ISP) to Flash memory and programmable logic.
The result is a simple and flexible solution for em-
bedded designs. PSD devices combine many of
the peripheral functions found in MCU based ap-
plications.
The CPLD in the PSD devices features an opti-
mized macrocell logic architecture. The PSD mac-
rocell
was
created
to
address
the
unique
requirements of embedded system designs. It al-
lows direct connection between the system ad-
dress/data bus, and the internal PSD registers, to
simplify communication between the MCU and
other supporting devices.
The PSD family offers two methods to program the
PSD Flash memory while the PSD is soldered to
the circuit board: In-System Programming (ISP)
via JTAG, and In-Application Programming (IAP).
In-System Programming (ISP) via JTAG
An IEEE 1149.1 compliant JTAG In-System Pro-
gramming (ISP) interface is included on the PSD
enabling the entire device (Flash memories, PLD,
configuration) to be rapidly programmed while sol-
dered to the circuit board. This requires no MCU
participation, which means the PSD can be pro-
grammed anytime, even when completely blank.
The innovative JTAG interface to Flash memories
is an industry first, solving key problems faced by
designers and manufacturing houses, such as:
First time programming. How do I get firmware
into the Flash memory the very first time? JTAG is
the answer. Program the blank PSD with no MCU
involvement.
Inventory build-up of pre-programmed devic-
es. How do I maintain an accurate count of pre-
programmed Flash memory and PLD devices
based on customer demand? How many and what
version? JTAG is the answer. Build your hardware
with blank PSDs soldered directly to the board and
then custom program just before they are shipped
to the customer. No more labels on chips, and no
more wasted inventory.
Expensive sockets. How do I eliminate the need
for expensive and unreliable sockets? JTAG is the
answer. Solder the PSD directly to the circuit
board. Program first time and subsequent times
with JTAG. No need to handle devices and bend
the fragile leads.
In-Application Programming (IAP)
Two independent Flash memory arrays are includ-
ed so that the MCU can execute code from one
while erasing and programming the other. Robust
product firmware updates in the field are possible
over any communications channel (CAN, Ether-
net, UART, J1850, etc.) using this unique architec-
ture. Designers are relieved of these problems:
Simultaneous READ and WRITE to Flash mem-
ory. How can the MCU program the same memo-
ry from which it is executing code? It cannot. The
PSD allows the MCU to operate the two Flash
memory blocks concurrently, reading code from
one while erasing and programming the other dur-
ing IAP.
Complex memory mapping. How can I map
these two memories efficiently? A programmable
Decode PLD (DPLD) is embedded in the PSD.
The concurrent PSD memories can be mapped
anywhere in MCU address space, segment by
segment with extremely high address resolution.
As an option, the secondary Flash memory can be
swapped out of the system memory map when
IAP is complete. A built-in page register breaks the
MCU address limit.
Separate Program and Data space. How can I
write to Flash memory while it resides in Program
space during field firmware updates? My 80C51
will not allow it. The PSD provides means to re-
classify Flash memory as Data space during IAP,
then back to Program space when complete.
PSDsoft
PSDsoft, a software development tool from ST,
guides you through the design process step-by-
step making it possible to complete an embedded
MCU design capable of ISP/IAP in just hours. Se-
lect your MCU and PSDsoft takes you through the
remainder of the design with point and click entry,
covering PSD selection, pin definitions, program-
mable logic inputs and outputs, MCU memory map
definition, ANSI-C code generation for your MCU,
and merging your MCU firmware with the PSD de-
sign. When complete, two different device pro-
grammers are supported directly from PSDsoft:
FlashLINK (JTAG) and PSDpro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com