Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLP2N06CLG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MLP2N06CLG
Description  SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLP2N06CLG Datasheet(HTML) 4 Page - ON Semiconductor

  MLP2N06CLG Datasheet HTML 1Page - ON Semiconductor MLP2N06CLG Datasheet HTML 2Page - ON Semiconductor MLP2N06CLG Datasheet HTML 3Page - ON Semiconductor MLP2N06CLG Datasheet HTML 4Page - ON Semiconductor MLP2N06CLG Datasheet HTML 5Page - ON Semiconductor MLP2N06CLG Datasheet HTML 6Page - ON Semiconductor MLP2N06CLG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MLP2N06CL
http://onsemi.com
4
Figure 5. On−Resistance Variation With Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 1 A
−50
50
0
100
150
0.6
0.4
0.3
0.2
0.1
0
0.5
VGS = 4 V
VGS = 5 V
Figure 6. Maximum Avalanche Energy
versus Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 2 A
25
50
75
100
125
150
100
80
60
40
20
0
Figure 7. Drain−Source Sustaining
Voltage Variation With Temperature
TJ = JUNCTION TEMPERATURE
−50
0
150
62.5
62.0
61.5
61.0
60.5
60.0
63.0
63.5
64.0
50
100
ID = 20 mA
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain−to−source
voltage and drain current that a device can safely handle
when it is forward biased, or when it is on, or being turned
on. Because these curves include the limitations of
simultaneous high voltage and high current, up to the rating
of the device, they are especially useful to designers of linear
systems. The curves are based on a case temperature of 25
°C
and a maximum junction temperature of 150
°C. Limitations
for repetitive pulses at various case temperatures can be
determined by using the thermal response curves.
ON Semiconductor Application Note, AN569, “Transient
Thermal Resistance − General Data and Its Use” provides
detailed instructions.
MAXIMUM DC VOLTAGE CONSIDERATIONS
The maximum drain−to−source voltage that can be
continuously applied across the MLP2N06CL when it is in
current limit is a function of the power that must be dissipated.
This power is determined by the maximum current limit at
maximum rated operating temperature (1.8 A at 150
°C) and
not the RDS(on). The maximum voltage can be calculated by
the following equation:
Vsupply =
(150 − TA)
ID(lim) (RqJC + RqCA)
where the value of RqCA is determined by the heatsink that
is being used in the application.
DUTY CYCLE OPERATION
When operating in the duty cycle mode, the maximum
drain voltage can be increased. The maximum operating
temperature is related to the duty cycle (DC) by the following
equation:
TC = (VDS x ID x DC x RqCA) + TA
The maximum value of VDS applied when operating in a
duty cycle mode can be approximated by:
VDS =
150 − TC
ID(lim) x DC x RqJC
Figure 8. Maximum Rated Forward Bias
Safe Operating Area (MLP2N06CL)
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 10 V
SINGLE PULSE
TC = 25°C
dc
10 ms
100
10
1.0
0.1
0.1
1.0
10
1 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com