Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018S Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 3Page - ESS Technology,Inc ES9018S Datasheet HTML 4Page - ESS Technology,Inc ES9018S Datasheet HTML 5Page - ESS Technology,Inc ES9018S Datasheet HTML 6Page - ESS Technology,Inc ES9018S Datasheet HTML 7Page - ESS Technology,Inc ES9018S Datasheet HTML 8Page - ESS Technology,Inc ES9018S Datasheet HTML 9Page - ESS Technology,Inc ES9018S Datasheet HTML 10Page - ESS Technology,Inc ES9018S Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
7
ES9018S Product Datasheet
Pin Descriptions
Pin Name
I/O
Description
1 VDD_L
-
Analog Power (+1.2V) for Left channels
2 DAC1
O
Differential Positive Analog Output 1
3 DAC1B
O
Differential Negative Analog Output 1
4 DAC3B
O
Differential Negative Analog Output 3
5 DAC3
O
Differential Positive Analog Output 3
6 AGND_L
-
Analog Ground for Left channels
7 AVCC_L
-
Analog Power (+3.3V) for Left channels
8 RESET
I
Global Reset Input, Active High
9 GND
-
Digital Ground
10 AVCC_L
-
Analog Power (+3.3V) for Left channels
11 AGND_L
-
Analog Ground for Left channels
12 DAC5
O
Differential Positive Analog Output 5
13 DAC5B
O
Differential Negative Analog Output 5
14 DAC7B
O
Differential Negative Analog Output 7
15 DAC7
O
Differential Positive Analog Output 7
16 VDD_L
-
Analog Power (+1.2V) for Left channels
17 AVCC_L
-
Analog Power (+3.3V) for Left channels
18 AGND_L
-
Analog Ground for Left channels
19 GND
-
Digital Ground
20 VDD
-
Digital Power (+1.2V) for core of chip
21 SDA
I/O
I2C Serial Data Input / Output
22 SCL
I
I2C Serial Clock Input
23 XO
O
Crystal oscillator output
24 XI (MCLK)
I
Crystal oscillator input (Note: can also just be a clock input)
25 DVCC_B
-
Digital Power (+3.3V) for bottom pad ring of chip
26 LOCK
O
Lock output
27 N.C.
Not connected (leave open)
28 N.C.
Not connected (leave open)
29 VDD
-
Digital Power (+1.2V) for core of chip
30 GND
-
Digital Ground
31 AGND_R
-
Analog Ground for Right channels
32 AVCC_R
-
Analog Power (+3.3V) for Right channels
33 VDD_R
-
Analog Power (+1.2V) for Right channels
34 DAC8
O
Differential Positive Analog Output 8
35 DAC8B
O
Differential Negative Analog Output 8
36 DAC6B
O
Differential Negative Analog Output 6
37 DAC6
O
Differential Positive Analog Output 6
38 AGND_R
-
Analog Ground for Right channels
39 AVCC_R
-
Analog Power (+3.3V) for Right channels
40 AUTMOMUTE
O
Automute
41 ADDR
I
Chip Address Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com