Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9027SPRO Datasheet(PDF) 53 Page - ESS Technology,Inc

Part # ES9027SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027SPRO Datasheet(HTML) 53 Page - ESS Technology,Inc

Back Button ES9027SPRO Datasheet HTML 49Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 50Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 51Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 52Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 53Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 54Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 55Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 56Page - ESS Technology,Inc ES9027SPRO Datasheet HTML 57Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
53
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 38: GPIO3/4 CONFIG
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
GPIO4_CFG
Configures GPIO4
•
4'd0: analog shutdown - shutdown
•
4'd1: output 0 – output
•
4'd2: output 1 – output
•
4'd3: CLK_IDAC – output
•
4'd4: interrupt – output
•
4'd5: mute all channel - input
•
4'd6: input selection - input
•
4'd7: LOCK_STATUS – output
•
4'd8: CLKEN_1FS – output
•
4'd9: output PWM1 – output
•
4'd10: output PWM2 – output
•
4'd11: output PWM3 – output
•
4'd12: volume minimum – output
•
4'd13: automute status – output
•
4'd14: soft ramp done – output
•
4'd15: Reserved
[3:0]
GPIO3_CFG
Configures GPIO3
•
4'd0: analog shutdown - shutdown
•
4'd1: output 0 – output
•
4'd2: output 1 – output
•
4'd3: CLK_IDAC – output
•
4'd4: interrupt – output
•
4'd5: mute all channel - input
•
4'd6: input selection - input
•
4'd7: LOCK_STATUS – output
•
4'd8: CLKEN_1FS – output
•
4'd9: output PWM1 – output
•
4'd10: output PWM2 – output
•
4'd11: output PWM3 – output
•
4'd12: volume minimum – output
•
4'd13: automute status – output
•
4'd14: soft ramp done – output
•
4'd15: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com