Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039MSPRO Datasheet(PDF) 60 Page - ESS Technology,Inc

Part # ES9039MSPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MSPRO Datasheet(HTML) 60 Page - ESS Technology,Inc

Back Button ES9039MSPRO Datasheet HTML 56Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 57Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 58Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 59Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 60Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 61Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 62Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 63Page - ESS Technology,Inc ES9039MSPRO Datasheet HTML 64Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
60
Register 47-46: GPIO OUTPUT LOGIC
Bits
[15]
[14:9]
[8:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
6'd0
3'd0
1'b0
1'b0
1'b0
1'b1
1'b1
1'b1
Bits
Mnemonic
Description
[15]
GPIO_DAC_MODE
When any GPIOx_CFG = 6 (input system mode control):
•
1'b0: Power down when GPIO input is 1
•
1'b1: HIFI when GPIO input is 1 (when GPIO input is 0, system mode
is determined by register DAC_MODE_REG (register 0, bit[1]))
[14:9]
RESERVED
NA
[8:6]
GPIO_SEL
When GPIOx_CFG = 12, 13 or 14, and the corresponding GPIO_AND and
GPIO_OR are not set:
•
3'd0: Outputs status/flag from ch1
•
3'd1: Outputs status/flag from ch2
•
3'd2: Outputs status/flag from ch3
•
3'd3: Outputs status/flag from ch4
•
3'd4: Outputs status/flag from ch5
•
3'd5: Outputs status/flag from ch6
•
3'd6: Outputs status/flag from ch7
•
3'd7: Outputs status/flag from ch8
[5]
GPIO_OR_SS_RAMP
When GPIOx_CFG = 14 (output soft ramp done flag):
•
1'b0: The soft ramp done flag is determined by
GPIO_AND_SS_RAMP and GPIO_SEL (default)
•
1'b1: The soft ramp done flag is the "OR" of all 8ch soft ramp done
flags
[4]
GPIO_OR_VOL_MIN
When GPIOx_CFG = 12 (output vol_min flag):
•
1'b0: The vol_min flag is determined by GPIO_AND_VOL_MIN and
GPIO_SEL (default)
•
1'b1: The vol_min flag is the "OR" of all 8ch vol_min flags
[3]
GPIO_OR_AUTOMUTE
When GPIOx_CFG = 13 (output automute status):
•
1'b0: The automute status is determined by
GPIO_AND_AUTOMUTE and GPIO_SEL (default)
•
1'b1: The automute status is the "OR" of all 8ch automute status
[2]
GPIO_AND_SS_RAMP
When GPIOx_CFG = 14 (output soft ramp done flag) and
GPIO_OR_SS_RAMP is not set:
•
1'b0: The soft ramp done flag is from a single channel selected by
GPIO_SEL
•
1'b1: The soft ramp done flag is the "AND" of all 8ch soft ramp done
flags (default)
[1]
GPIO_AND_VOL_MIN
When GPIOx_CFG = 12 (output vol_min flag) and GPIO_OR_VOL_MIN is
not set:
•
1'b0: The vol_min flag is from a single channel selected by
GPIO_SEL
•
1'b1: The vol_min flag is the "AND" of all 8ch vol_min flags (default)
[0]
GPIO_AND_AUTOMUTE
When GPIOx_CFG = 13 (output automute status) and
GPIO_OR_AUTOMUTE is not set:
•
1'b0: The automute status is from a single channel selected by
GPIO_SEL
•
1'b1: The automute status is the "AND" of all 8ch automute status
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com