Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9068A Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES9068A
Description  High performance DAC with MQA, PLL, Differential ADC,and Audio Mixing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9068A Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES9068A Datasheet HTML 1Page - ESS Technology,Inc ES9068A Datasheet HTML 2Page - ESS Technology,Inc ES9068A Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES9068A
0.2
March 31, 2021
3
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Typical Application
XIN (MCLK)
XOUT
ADDR
SDAS
SCLS
RESETB
PCM/DSD/DoP/SPDIF/MQA
GPIO
AVDD
AVCC_DAC
VREF
AGND
DACB_L
DAC_L
DACB_R
DAC_R
ES9068A
Application
Processor
1.8V
RT1
XTAL
DCLK (BCK)
DATA1 (WS)
DATA2 (SD)
I2C
1.8V
DVDD
AGND_DAC
AVCC_18
AVCC_33
3.3V
VCCA
3.3V
GPIO
SDAM
SCLM
EEPROM
PDM
MIC
Optional
MBIAS
AMIC_P
AMIC_N
OSC
ACLK1
I2C
Amplifier
Analog
Mic
ADC_R
ADC_L
CODEC
C1
C2
+
PNEG
+
(Exposed
pad)
Figure 2. Typical Application Diagram
ESS IC's are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems. ESS assumes no liability whatsoever and
disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise,
without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations or warranties regarding the content of this document.All specifications
are subject to change without prior notice. ESS Technology, Inc. assumes no responsibility for any errors contained herein. U.S. patents pending.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com