Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039SPRO Datasheet(PDF) 74 Page - ESS Technology,Inc

Part # ES9039SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039SPRO Datasheet(HTML) 74 Page - ESS Technology,Inc

Back Button ES9039SPRO Datasheet HTML 70Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 71Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 72Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 73Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 74Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 75Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 76Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 77Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 78Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
74
Register 90: DAC PATH CONFIG
Bits
[7:3]
[2]
[1]
[0]
Default
5'b00000
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2]
BYPASS_IIR
1'b0: Non-bypass IIR1 (default)
1'b1: Bypass IIR1
[1]
BYPASS_FIR4X
1'b0: Non-bypass IFir_4x (default)
1'b1: Bypass IFir_4x
[0]
BYPASS_FIR2X
1'b0: Non-bypass IFir_2x (default)
1'b1: Bypass IFir_2x
Register 98-91: THD_C2_L
Bits
[63:48]
[47:32]
[31:16]
[15:0]
Default
16'd0
16'd0
16'd0
16'd0
Bits
Mnemonic
Description
[63:48]
THD_C2_3
A 16-bit signed coefficient for correcting for the CH4 second harmonic
distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3
[47:32]
THD_C2_2
A 16-bit signed coefficient for correcting for the CH3 second harmonic
distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3
[31:16]
THD_C2_1
A 16-bit signed coefficient for correcting for the CH2 second harmonic
distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3
[15:0]
THD_C2_0
A 16-bit signed coefficient for correcting for the CH1 second harmonic
distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com