Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9080 Datasheet(PDF) 81 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 81 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 77Page - ESS Technology,Inc ES9080 Datasheet HTML 78Page - ESS Technology,Inc ES9080 Datasheet HTML 79Page - ESS Technology,Inc ES9080 Datasheet HTML 80Page - ESS Technology,Inc ES9080 Datasheet HTML 81Page - ESS Technology,Inc ES9080 Datasheet HTML 82Page - ESS Technology,Inc ES9080 Datasheet HTML 83Page - ESS Technology,Inc ES9080 Datasheet HTML 84Page - ESS Technology,Inc ES9080 Datasheet HTML 85Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
81
ES9080 Product Datasheet
Register 78: MASTER MODE CONFIG
Bits
[7]
[6]
[5]
[4:3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
2'd0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6]
MASTER_BCK_DIV1
When enabled, master BCK is 128fs clock. Otherwise, BCK is
less than or equal to 64fs.
•
1'b0: BCK is not 128fs clock (default)
•
1'b1: BCK is 128fs clock
[5]
MASTER_WS_IDLE
Sets the value of master WS when WS is idle.
•
1'b0: WS is 0 when idle (default)
•
1'b1: WS is 1 when idle
[4:3]
MASTER_FRAME_LENGTH
Selects the bit length in each TDM channel in master mode.
•
2'd0: 32 bit (default)
•
2'd2: 16 bit
•
others: Reserved
[2]
MASTER_WS_PULSE_MODE
When enabled, master WS is a pulse signal instead of a 50%
duty cycle signal. The pulse width is 1 BCK cycle.
•
1'b0: 50% duty cycle WS signal (default)
•
1'b1: Pulse WS signal
[1]
MASTER_WS_INVERT
Inverts master WS.
•
1'b0: Non-inverted (default)
•
1'b1: Inverted
[0]
MASTER_BCK_INVERT
Inverts master BCK or DSD_CLK.
•
1'b0: Non-inverted (default)
•
1'b1: Inverted
Register 79: TDM CONFIG1
Bits
[7]
[6:4]
[3:0]
Default
1'b0
3'd0
4'd1
Bits
Mnemonic
Description
[7]
TDM_RESYNC
Force TDM decoder to resync.
•
1'b0: Let decoder sync (default)
•
1'b1: Force decoder not sync
[6:4]
MASTER_WS_SCALE
In TDM master mode, tunes master BCK/WS ratio by scaling
master WS. It allows more TDM slots in a fixed frame.
•
3'd0: No scale (default)
•
3'd1: Scale down WS by 2
•
3'd2: Scale down WS by 4
•
3'd3: Scale down WS by 8
•
3'd4: Scale down WS by 16
•
others: Reserved
[3:0]
TDM_CH_NUM
Total TDM slot number per frame = TDM_CH_NUM + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com