Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9822QPRO Datasheet(PDF) 38 Page - ESS Technology,Inc

Part # ES9822QPRO
Description  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822QPRO Datasheet(HTML) 38 Page - ESS Technology,Inc

Back Button ES9822QPRO Datasheet HTML 34Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 35Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 36Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 37Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 38Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 39Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 40Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 41Page - ESS Technology,Inc ES9822QPRO Datasheet HTML 42Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
0.3
ES9822 PRO Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
38
Register Overview
The registers for the ES9822 PRO can be accessed either using an I2C or SPI interface.
The MODE pin (pin 3) determines which interface will be used:
•
MODE = 1’b0
o
I2C interface (pull ups on SCL & SDA required)
▪
Pin 25 SDA
▪
Pin 26 SCL
▪
Pin 27 ADDR1
▪
Pin 28 ADDR2
o
ADDR1 & ADDR2 determine the I2C address
▪
I2C Slave Address = [5’b01000,ADDR2,ADDR1,R/W]
•
Possible addresses are 0x40,0x42,0x44,0x46 for I2C Slave Address
▪
I2C Synchronous Slave Address = [5’b01001,ADDR2,ADDR1,R/W]
•
Possible addresses are 0x48,0x4A,0x4C,0x4E for I2C Synchronous Slave Address
•
MODE = 1’b1
o
SPI interface
o
The SPI Slave interface can be accessed using the Pins 25-28
•
Pin 25 MOSI
•
Pin 26 SCLK
•
Pin 27 SS
•
Pin 28 MISO
I2C Slave Address
I2C Synchronous
Slave Address
ADDR2
ADDR1
0x40
0x48
L
L
0x42
0x4A
L
H
0x44
0x4C
H
L
0x46
0x4E
H
H
Table 24 - I2C Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com