Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9826Q Datasheet(PDF) 34 Page - ESS Technology,Inc

Part # ES9826Q
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826Q Datasheet(HTML) 34 Page - ESS Technology,Inc

Back Button ES9826Q Datasheet HTML 30Page - ESS Technology,Inc ES9826Q Datasheet HTML 31Page - ESS Technology,Inc ES9826Q Datasheet HTML 32Page - ESS Technology,Inc ES9826Q Datasheet HTML 33Page - ESS Technology,Inc ES9826Q Datasheet HTML 34Page - ESS Technology,Inc ES9826Q Datasheet HTML 35Page - ESS Technology,Inc ES9826Q Datasheet HTML 36Page - ESS Technology,Inc ES9826Q Datasheet HTML 37Page - ESS Technology,Inc ES9826Q Datasheet HTML 38Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
34
Table 18 – PCM Filter Impulse Response
PDM input mode
The ES9826 supports stereo digital PDM input microphones both in hardware and software modes. The PDM input goes
through the ADC decimation path and can be output as PCM or S/PDIF.
In hardware mode, PDM input mode can be enabled by setting HW3 according to Input/Output Mode.
In software mode, PDM input can be enabled by setting Register 37[4] PDM_INPUT_SEL.
Note: If PDM_INPUT_SEL is set, it will automatically output PDM CLK on GPIO5 and expect PDM data input on GPIO4.
Figure 11 - PDM input mode application diagram with stereo PDM microphones.
Minimum phase slow roll-off
low dispersion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com