Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26LS30 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 26LS30
Description  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

26LS30 Datasheet(HTML) 4 Page - ON Semiconductor

  26LS30 Datasheet HTML 1Page - ON Semiconductor 26LS30 Datasheet HTML 2Page - ON Semiconductor 26LS30 Datasheet HTML 3Page - ON Semiconductor 26LS30 Datasheet HTML 4Page - ON Semiconductor 26LS30 Datasheet HTML 5Page - ON Semiconductor 26LS30 Datasheet HTML 6Page - ON Semiconductor 26LS30 Datasheet HTML 7Page - ON Semiconductor 26LS30 Datasheet HTML 8Page - ON Semiconductor 26LS30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC26LS30
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (EIA−423−A single−ended mode, Pin 4
q 2.0 V, −40°C t TA t 85°C, 4.75 V p VCC,
|VEE  p 5.25 V, (Notes 1 and 3) unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (VCC =  VEE  = 4.75 V)
Single−Ended Voltage, RL = ∞ (Figure 2)
Single−Ended Voltage, RL = 450 Ω, (Figure 2)
Voltage Imbalance (Note 5), RL = 450 Ω
VO1
VO2
∆VO2
4.0
3.6
−
4.2
3.95
0.05
6.0
6.0
0.4
Vdc
Slew Control Current (Pins 16, 13, 12, 9)
ISLEW
−
±120
−
µA
Output Current (Each Output)
Power Off Leakage, VCC = VEE = 0, −6.0 V p VO p +6.0 V
Short Circuit Current (Output Short to Ground, Note 2)
Vin p 0.8 V (TA = 25°C)
Vin p 0.8 V (−40°C t TA t +85°C)
Vin w 2.0 V (TA = 25°C)
Vin w 2.0 V (−40°C t TA t +85°C)
IOLK
ISC+
ISC+
ISC−
ISC−
−100
60
50
−150
−150
0
80
−
−95
−
+100
150
150
−60
−50
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = −12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
−
2.0
−
−
−200
−
−1.5
−
−
0
0
− 8.0
0
−
0.8
−
40
100
−
−
−
Vdc
Vdc
µA
Vdc
Power Supply Current (Outputs Open)
VCC = +5.25 V, VEE = −5.25 V, Vin = 0.4 V
ICC
IEE
−
−22
17
− 8.0
30
−
mA
TIMING CHARACTERISTICS (EIA−423−A single−ended mode, Pin 4
q 2.0 V, TA = 25°C, VCC = 5.0 V, VEE = −5.0 V, (Notes 1 and
3) unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Timing (Figure 5)
Output Rise Time, CC = 0
Output Fall Time, CC = 0
Output Rise Time, CC = 50 pF
Output Fall Time, CC = 50 pF
tr
tf
tr
tf
−
−
−
−
65
65
3.0
3.0
300
300
−
−
ns
µs
Rise Time Coefficient (Figure 16)
Crt
−
0.06
−
µs/pF
Propagation Delay Time, Input to Single Ended Output (Figure 5)
Input Low to High, CC = 0
Input High to Low, CC = 0
tPDH
tPDL
−
−
100
100
300
300
ns
Skew Timing, CC = 0 (Figure 5)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK4
tSK5
tSK6
−
−
−
15
2.0
5.0
−
−
−
ns
1. All voltages measured with respect to Pin 5.
2. Only one output shorted at a time, for not more than 1 second.
3. Typical values established at +25
°C, VCC = +5.0 V, VEE = −5.0 V.
4. Vin switched from 0.8 to 2.0 V.
5. Imbalance is the difference between
VO2 with Vin t 0.8 V and VO2 with Vin u 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com