Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD313 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD313
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD313 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD313 Datasheet HTML 1Page - Nanjing International Group Co 2SD313 Datasheet HTML 2Page - Nanjing International Group Co 2SD313 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO IC=1mA, IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
CB
V =60V, IE=0
100
μA
Collector cut-off current
ICEO
CE
V =60V, IE=0
1
mA
Emitter cut-off current
IEBO
EB
V =4V, IC=0
100
μA
hFE(1)
CE
V =2V, IC=1A
40
320
DC current gain
hFE(2)
CE
V =2V, IC=0.1A
40
Collector-emitter saturation voltage
VCE(sat)
C
I =2A, IB=200mA
1
V
Base-emitter voltage
VBE
CE
V =2V, IC=1A
1.5
V
Transition frequency
fT
CE
V =5V, IC=500mA
8
MHz
Collector output capacitance
Cob
CB
V =10V, IE=0,f=1MHz
65
pF
CLASSIFICATION OF
hFE(1)
Rank
C
D
E
F
Range
40-80
60-120
100-200
160-320
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com