Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT05DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74ACT05DR2
Description  Hex Inverter with Open?묭rain Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT05DR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT05DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOL
Maximum Low Level Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
−
0.36
0.44
12 mA
4.5
−
0.36
0.44
IOL
24 mA
5.5
−
0.36
0.44
24 mA
IIN
Maximum Input Leakage Current
5.5
−
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
−
−
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−
−
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
−
4.0
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
TA = +25°C CL = 50 pF
TA = −40°C to +85°C CL = 50 pF
Min
Typ
Max
Min
Max
tPZL
Propagation Delay Output Enable
3.3
1.5
−
8.0
1.0
9.0
ns
5.0
1.5
−
6.0
1.0
6.5
tPLZ
Propagation Delay Output Enable
3.3
1.5
−
8.0
1.0
9.0
ns
5.0
1.5
−
6.0
1.0
6.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com