Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVS-1708 Datasheet(PDF) 1 Page - CUI Devices

Part # CVS-1708
Description  SPEAKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CVS-1708 Datasheet(HTML) 1 Page - CUI Devices

  CVS-1708 Datasheet HTML 1Page - CUI Devices CVS-1708 Datasheet HTML 2Page - CUI Devices CVS-1708 Datasheet HTML 3Page - CUI Devices CVS-1708 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CVS-1708 | DESCRIPTION: SPEAKER
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
diameter
17
mm
depth
8
mm
input power
max. power: IEC-60268-5, filter 60 s on / 120 s off, 10
cycles at room temp
0.2
0.5
W
impedance
at 2 kHz, 1 V
6.8
8
9.2
Ω
resonant frequency
at 1 V
1,200
1,500
1,800
Hz
sound pressure level
0.2 W, 10 cm ave. at 2.0, 2.5, 3.0, 4.0 kHz
1 W, 1 m ave. at 2.0, 2.5, 3.0, 4.0 kHz
84
71
87
74
90
77
dB
dB
response
20,000
Hz
distortion
at 2 kHz, 0.2 W
10
%
buzz, rattle, etc.
must be normal at sine wave 1.26 V
magnet size
ø6.5 x 1.5 mm
operating temperature
-20
55
°C
weight
2.0
g
material
PBT +20% glass (black)
washable
yes
RoHS
yes
FEATURES
• plastic frame
• PET cone
• plastic case
RoHS
MECHANICAL DRAWING
0.031
0.05 (2 PLCS)
8.0 0.315
0.8
5.8 0.228
(2 PLCS)
+
-
7.6 0.299
17.0 0.669
removable
masking label
units: mm
tolerance: ± 0.5mm
SOLDERABILITY
parameter
conditions/description
hand soldering
350 ±5°C for 3 seconds
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CVS-1708

ManufacturerPart #DatasheetDescription
logo
CUI INC
CVS-1708 CUI-CVS-1708 Datasheet
723Kb / 4P
SPEAKER
More results

Similar Description - CVS-1708

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com