Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C03HDR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMDF2C03HDR2
Description  Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2C03HDR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MMDF2C03HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF2C03HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF2C03HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS − continued (TA = 25°C unless otherwise noted) (Note 6)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage (Note 7)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
−
−
0.82
1.82
1.2
2.0
Vdc
Reverse Recovery Time
(IF = IS, dIS/dt = 100 A/ms)
trr
(N)
(P)
−
−
24
42
−
−
ns
ta
(N)
(P)
−
−
17
16
−
−
tb
(N)
(P)
−
−
7.0
26
−
−
Reverse Recovery Storage
Charge
QRR
(N)
(P)
−
−
0.025
0.043
−
−
mC
6. Negative signs for P−Channel device omitted for clarity.
7. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
TYPICAL ELECTRICAL CHARACTERISTICS
N−Channel
P−Channel
3.9 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.4
0.8
1.2
1.6
2
0
1
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4
2
TJ = 25°C
2.7 V
0.2
0.6
1.8
1.4
1
5
6
2.5 V
2.9 V
3.1 V
3.3 V
3.5 V
3.7 V
4.5 V
4.3 V
3.9 V
4.1 V
VGS = 10 V
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
25
°C
2
4
6
5
1
2
2.5
3
3.5
4
3
0
0.2
0.4
0.6
0.8
2
0
2
3
4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
VGS = 10 V
1
1.2
2.7 V
2.5 V
1
1.4
1.6
1.8
1.5
1.7
1.9
2.1
2.3
3.7
0
2
3
4
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
TJ = 100°C
25
°C
−55
°C
2.5
1
2.7
2.9
3.1
3.3
3.5
TJ = 100°C
−55
°C
2.9 V
3.1 V
3.3 V
3.5 V
3.7 V
4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com