Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD202K Datasheet(PDF) 2 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 2 Page - Analog Devices

  AD202K Datasheet HTML 1Page - Analog Devices AD202K Datasheet HTML 2Page - Analog Devices AD202K Datasheet HTML 3Page - Analog Devices AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. D
–2–
AD202/AD204–SPECIFICATIONS
Model
AD204J
AD204K
AD202J
AD202K
GAIN
Range
1 V/V–100 V/V
**
*
Error
±0.5% typ (±4% max)
**
*
vs. Temperature
±20 ppm/∞C typ (±45 ppm/∞C max) **
*
vs. Time
±50 ppm/1000 Hours
**
*
vs. Supply Voltage
±0.01%/V
±0.01%/V
±0.01%/V
±0.01%/V
Nonlinearity (G = 1 V/V)
1
±0.05% max
±0.025% max
±0.05% max
±0.025% max
Nonlinearity vs. Isolated Supply Load
±0.0015%/mA
**
*
INPUT VOLTAGE RATINGS
Input Voltage Range
±5 V
**
*
Max lsolation Voltage (Input to Output)
AC, 60 Hz, Continuous
750 V rms
1500 V rms
750 V rms
1500 V rms
Continuous (AC and DC)
±1000 V Peak
±2000 V Peak
±1000 V Peak
±2000 V Peak
Isolation-Mode Rejection Ratio (IMRR) @ 60 Hz
RS
£ 100 W (HI and LO Inputs) G = 1 V/V
110 dB
110 dB
105 dB
105 dB
G = 100 V/V
130 dB
**
*
RS
£ l kW (Input HI, LO, or Both) G = 1 V/V
104 dB min
104 dB min
100 dB min
100 dB min
G = 100 V/V
110 dB min
**
*
Leakage Current Input to Output @ 240 V rms, 60 Hz
2
mA rms max
**
*
INPUT IMPEDANCE
Differential (G = 1 V/V)
10
12
W
**
*
Common-Mode
2 G
W 4.5 pF
**
*
INPUT BIAS CURRENT
Initial, @ 25
∞C
±30 pA
**
*
vs. Temperature (0
∞C to 70∞C)
±10 nA
**
*
INPUT DIFFERENCE CURRENT
Initial, @ 25
∞C
±5 pA
**
*
vs. Temperature (0
∞C to 70∞C)
±2 nA
**
*
INPUT NOISE
Voltage, 0.1 Hz to 100 Hz
4
mV p-p
**
*
f > 200 Hz
50 nV/
÷Hz
**
*
FREQUENCY RESPONSE
Bandwidth (VO
£ 10 V p-p, G = 1 V–50 V/V)
5 kHz
5 kHz
2 kHz
2 kHz
Settling Time, to
±10 mV (10 V Step)
1 ms
**
*
OFFSET VOLTAGE (RTI)
Initial, @ 25
∞C Adjustable to Zero
(
±15 ±15/G)mV max
(
±5 ± 5/G) mV max
(
±15 ±15/G) mV max (±5 ±5/G) mV max
vs. Temperature (0
∞C to 70∞C)
±±
∞
Ê
ËÁ
ˆ
¯˜
10
10
G
VC
m
**
*
RATED OUTPUT
Voltage (Out HI to Out LO)
±5 V
**
*
Voltage at Out HI or Out LO (Ref. Pin 32)
±6.5 V
**
*
Output Resistance
3 k
W
3 k
W
7 k
W
7 k
W
Output Ripple, 100 kHz Bandwidth
10 mV p-p
**
*
5 kHz Bandwidth
0.5 mV rms
**
*
ISOLATED POWER OUTPUT
2
Voltage, No Load
±7.5 V
**
*
Accuracy
±10%
**
*
Current
2 mA (Either Output)
3
2 mA (Either Output)
3
400
mA Total
400
mA Total
Regulation, No Load to Full Load
5%
**
*
Ripple
100 mV p-p
**
*
OSCILLATOR DRIVE INPUT
Input Voltage
15 V p-p Nominal
15 V p-p Nominal
N/A
N/A
Input Frequency
25 kHz Nominal
25 kHz Nominal
N/A
N/A
POWER SUPPLY (AD202 Only)
Voltage, Rated Performance
N/A
N/A
15 V
± 5%
15 V
± 5%
Voltage, Operating
N/A
N/A
15 V
± 10%
15 V
± 10%
Current, No Load (VS = 15 V)
N/A
N/A
5 mA
5 mA
TEMPERATURE RANGE
Rated Performance
0
∞C to 70∞C
**
*
Operating
–40
∞C to +85∞C
**
*
Storage
–40
∞C to +85∞C
**
*
PACKAGE DIMENSIONS
4
SIP Package (Y)
2.08"
¥ 0.250" ¥ 0.625"
**
*
DlP Package (N)
2.10"
¥ 0.700" ¥ 0.350"
**
*
(Typical @ 25 C and VS = 15 V unless otherwise noted.)
NOTES
*Specifications same as AD204J.
1Nonlinearity is specified as a % deviation from a best straight line.
21.0
mF min decoupling required (see text).
33 mA with one supply loaded.
4Width is 0.25" typ, 0.26" max.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com