Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4034-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M4034-SM1-R
Description  3-INPUT VIDEO SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M4034-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M4034-SM1-R Datasheet HTML 1Page - Unisonic Technologies M4034-SM1-R Datasheet HTML 2Page - Unisonic Technologies M4034-SM1-R Datasheet HTML 3Page - Unisonic Technologies M4034-SM1-R Datasheet HTML 4Page - Unisonic Technologies M4034-SM1-R Datasheet HTML 5Page - Unisonic Technologies M4034-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M4034
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R124-005,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
SOP-8
250
mW
DIP-8
500
mW
MSOP-8
300
mW
SSOP-8
250
mW
Power Dissipation
SIP-8
PD
800
mW
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
-20 ~ +75
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VIN=5V, Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Recommended Supply Voltage
V
+
4.75
13.0
V
Output Offset Voltage
VO(OFF) (Note 2)
-30
+30
mV
High
VCH
All inside SW : ON
2.4
V
Switch Change Voltage
Low
VCL
All inside SW : OFF
0.8
V
Operating Current
ICC
S1=S2=S3=S4=S5=1
10.6
14.5
mA
Voltage Gain
GV
VIN=2.5V, 100kHz, VOUT/VIN
-0.5
+0.5
dB
Total Harmonic Distortion
THD
VINI=2.5V, 1kHz
0.03
%
Differential Gain
DG
VIN=2V, Staircase signal
0
%
Differential Phase
DP
VIN=2V, Staircase signal
0
deg
Frequency Characteristic (1)
Gf1
VIN=2.5V, VOUT(20Hz)/VOUT (100kHz)
-1.0
+1.0
dB
Frequency Characteristic (2)
Gf2
VIN=2.0V, VOUT(10MHz)/VOUT(100kHz)
-1.0
+1.0
dB
Crosstalk (1)
CT1
VIN=2.0V, 4.43MHz, VOUT/VIN (Note 3)
-70
dB
Crosstalk (2)
CT2
VIN=2.0V, 4.43MHz, VOUT/VIN (Note 4)
-70
dB
Input Impedance
R1
15
kΩ
Output Impedance
ROUT
10
Ω
Note 1: If it is not shown about switch condition, it is tested on three conditions below.
(a) S1=2, S2=S3=S4=S5=1, (b) S2=S4=2, S1=S3=S5=1, (c) S3=S5=2, S1=S2=1, S4=1, or 2.
Note 2: S1=S2=S3=1, Output DC Voltage difference of three mode below.
(a) S4=S5=1, (b) S4=2, S5=1 (c) S4=1 or 2, S5=2
Note 3: S5=1, Tested on all combination of S1 to S4 excepted two below.
(a) S1=S2, S4=1 (b) S2=S4=2
Note 4: Tested on all combination of S1 to S4 excepted one.
(a) S5=2, S3=2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com