Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA13 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA13
Description  DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA13 Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA13 Datasheet HTML 1Page - Unisonic Technologies MMBTA13 Datasheet HTML 2Page - Unisonic Technologies MMBTA13 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC MMBTA13
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R206-006,B
DARLINGTON TRANSISTOR
DESCRIPTION
The UTC MMBTA13 is a Darlington transistor.
FEATURES
*Collector-Emitter Voltage: VCES = 30V
*Collector Dissipation: Pc (mas) = 350 mW
MARKING
SOT-23
1
2
3
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Dissipation
Pc
350
mW
Collector Current
Ic
500
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCES
Ic=100
µA,IB=0
30
V
Collector Cut-Off Current
ICBO
VCB=30V,IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=10V,Ic=0
100
nA
DC Current Gain
hFE
VCE=5V,Ic=100mA
10000
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=100mA,IB=0.1mA
1.5
V
Base-Emitter on Voltage
VBE(on)
VCE=5V,Ic=100mA
2.0
V
Current Gain Bandwidth Product
fT
VCE=5V,Ic=10mA,
f=100MHz
125
MHz
Pulse test: Pulse Width<300
µs, Duty Cycle=2%
1M


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1297 ETC-2SD1297 Datasheet
38Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Unisonic Technologies
MMBTA14 UTC-MMBTA14 Datasheet
69Kb / 2P
DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
NPN Epitaxial Silicon Darlington Transistor
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
logo
Tiger Electronic Co.,Lt...
MJE802G TGS-MJE802G Datasheet
214Kb / 1P
NPN Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com