Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP1601 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # PDSP1601
Description  16 by 16 Bit Complex Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP1601 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  PDSP1601 Datasheet HTML 1Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 2Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP1601 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PDSP16116/A/MC
2
Signal
XR15:0
XI15:0
YR15:0
YI15:0
PR15:0
PI15:0
CLK
CEX
CEY
CONX
CONY
ROUND
MBFP
SOBFP
EOPSS
AR15:13
AI15:13
WTA1:0
WTB1:0
WTOUT1:0
SFTA1:0
SFTR2:0
GWR4:0
OSEL1:0
OER, OEI
VDD
GND
The PDSP16116 has a number of features tailored for
System applications.
-1 x -1 Trap
In multiply operations utilising Twos Complement
Fractional notation, the -1 x -1 operation forms an invalid result
as +1 is not representable in the fractional number range. The
PDSP16116/A eliminates this problem by trapping the
-1 x -1 operation and forcing the Multiplier result to become the
most positive representable number.
Complex Conjugation
Many algorithms utilising complex arithmetic require
conjugation of complex data stream.
This operation has
traditionally required an adiditional ALU to multiply the
imaginary component by -1. The PDSP16116 eliminates the
requirement for the extra ALU by offering on chip complex
conjugation of either of the two incoming complex data words
with no loss in throughput.
Easy Interfacing
As with all PDSP family members the PDSP16116 has
registered I/O for data and control.
Data inputs have
independent clock enables and data outputs have
independent three state output enables.
Type
INPUT
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
INPUT
INPUT
POWER
POWER
Description
16 bit input for real x data
16 bit input for imag x data
16 bit input for reaal y data
16 bit input for imag y data
16 bit output for real p data
16 bit output for img p data
Clock, new data is loaded on rising edge of CLK
Clock, enable X-port input register
Clock, enable Y-port input register
Conjugate X data
Conjugate Y data
Rounds the real & imag results
Mode select (BFP/Normal)
Start of BFP operations **
End of pass **
3 MSB's from real part of A-word **
3 MSB's from imag part of A-word **
Word tag from A-word
Word tag from B-word / shift control *
Word tag output **
Shift control for A-word / overflow flag *
Shift control for accumulator resul **
Global weighting register contents **
Selects the desired output configuration
Output enables
+5V Supply
All supply pins
0V Supply
must be connected
Normal mode Configuration
Tie Low
Tie Low
Tie Low
Tie Low
Tie Low
Tie Low
*
Indicates pin performs different functions in BFP / Normal modes.
** Indicates pin is used only in BFP mode
Table.1 Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com