Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTH10
Description  RF TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTH10 Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTH10 Datasheet HTML 1Page - Unisonic Technologies MMBTH10 Datasheet HTML 2Page - Unisonic Technologies MMBTH10 Datasheet HTML 3Page - Unisonic Technologies MMBTH10 Datasheet HTML 4Page - Unisonic Technologies MMBTH10 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTH10
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-003,E
TYPICAL CHARACTERISTICS(Cont.)
24
0
0
1000
Input Admittance
200
500
12
VCE=10V
20
16
8
4
Ic=2mA
gie
bie
6
0
0
1000
Output Admittance
200
500
3
VCE=10V
5
4
2
1
Ic=2mA
boe
goe
Frequency, f (MHz)
Frequency, f (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com