Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R15LD10-TF4-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # R15LD10-TF4-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R15LD10-TF4-R Datasheet(HTML) 2 Page - Unisonic Technologies

  R15LD10-TF4-R Datasheet HTML 1Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 2Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 3Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 4Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 5Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 6Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 7Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 8Page - Unisonic Technologies R15LD10-TF4-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R102-025,B
PIN DESCRIPTION
PIN NO.
TO-220F-4
TO-252-5
PIN NAME
1
1
INPUT
2
2
ON/OFF
3
3
OUTPUT
-
4
NC
4
5
GND
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220F-4
UTC
RXXLD10
VOLTAGE CODE
DATE CODE
LEAD PLATING
TO-252-5
15:1.5V
18:1.8V
25:2.5V
03:3.0V
33:3.3V
UTC
RXXLD10
VOLTAGE CODE
DATE CODE
LEAD PLATING



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com