Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R18LD10-TF4-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # R18LD10-TF4-R
Description  LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R18LD10-TF4-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button R18LD10-TF4-R Datasheet HTML 2Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 3Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 4Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 5Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 6Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 7Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 8Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 9Page - Unisonic Technologies R18LD10-TF4-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RXXLD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R102-025,B
TYPICAL CHARACTERISTICS(cont.)
5
0
3
2.5
0
2
Output Voltage vs. Input Voltage
(R25LD10)
Input Voltage, VIN (V)
0.5
12
4
RL = 2.5Ω(IoUT = 1A)
1.5
1
RL = 5Ω(IoUT = 0.5A)
RL = ∞Ω(IoUT = 0A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μ F
Co = 47μ F
5
0
3
2
0
Output Voltage vs. Input Voltage
(R18LD10)
Input Voltage, VIN (V)
0.8
0.4
12
4
1.8
0.6
0.2
RL = 3.6Ω(IoUT = 0.5A)
RL = ∞Ω(IoUT = 0A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μ F
Co = 47μ F
1.6
1.4
1.2
1
RL = 1.8Ω(IoUT = 1A)
5
0
3
3.5
0
2
Output Voltage vs. Input Voltage
(R33LD10)
Input Voltage, VIN (V)
0.5
12
4
RL = 3.3Ω(IoUT = 1A)
1.5
1
RL = 6.6Ω (IoUT = 0.5 A)
RL = ∞ Ω(IoUT = 0 A)
5
0
3
3.5
0
Output Voltage vs. Input Voltage
(R03LD10)
Input Voltage, VIN (V)
1.5
12
4
3
1
0.5
2.5
2
RL = ∞Ω(IoUT = 0A)
RL = 6Ω(IoUT = 0.5A)
RL = 3Ω(IoUT = 1A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
2.5
3
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
5
0
3
20
0
Input Voltage, VIN (V)
12
4
10
RL = ∞Ω(IoUT = 0A)
RL = 3Ω(IoUT = 0.5A)
RL = 1.5Ω(IoUT = 1A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 10μF
5
0
3
20
0
Circuit Operating Current vs. Input Voltage
(R18LD10)
Input Voltage, VIN (V)
12
4
10
RL = ∞Ω(IoUT = 0A)
RL = 3.6Ω(IoUT = 0.5A)
VC = 2.7V
Ta = Room temp.
CIN = 0.33μF
Co = 47μF
Circuit Operating Current vs. Input Voltage
(R15LD10)
RL = 1.8Ω(IoUT = 1A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com