Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF40100CTR Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MBRF40100CTR
Description  MBRF40100CTR SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRF40100CTR Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBRF40100CTR Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRF40100CTR Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRF40100CTR Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRF40100CTR Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0856, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBRF40100CTR
10
100
1000
10000
0
5
10
15
20
25
30
35
40
Re ve rs e V oltage (V )
Fig.2-Typical Reverse Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=25℃
Screw mounting, the epoxy body is
inside the heatsink.
-
1500
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Case(Per Leg)
RJC
DC operation
3.5
C/W
Approximate Weight
wt
-
2
g
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves
Fig.3-Typical Instantaneous Forward Voltage Characteristics
TJ=125℃
TJ=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com