Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4069
Description  INVERTER CIRCUIT CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069 Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4069 Datasheet HTML 1Page - Unisonic Technologies CD4069 Datasheet HTML 2Page - Unisonic Technologies CD4069 Datasheet HTML 3Page - Unisonic Technologies CD4069 Datasheet HTML 4Page - Unisonic Technologies CD4069 Datasheet HTML 5Page - Unisonic Technologies CD4069 Datasheet HTML 6Page - Unisonic Technologies CD4069 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CD4069
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-020,B
INVERTER CIRCUIT
DESCRIPTION
The UTC CD4069 is a CMOS IC with six inverter circuits and
designed for using of wide power supply operating range, low power
consumption, high noise immunity, and symmetric controlled rise
and fall times. The IC is capable of ESD protection by diode clamps
to VDD and VSS.
FEATURES
* Wide supply voltage range: 3.0V ~ 15V.
* High noise immunity: 0.45 VDD typ.
* Low Power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS.
DIP-14
SOP-14
*Pb-free plating product number: CD4069L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
CD4069-D14-T
CD4069L-D14-T
DIP-14
Tube
CD4069-S14-R
CD4069L-S14-R
SOP-14
Tape Reel
CD4069-S14-T
CD4069L-S14-T
SOP-14
Tube
CD4069L-D14-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D14: DIP-14, S14: SOP-14
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - CD4069

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4069 FAIRCHILD-CD4069 Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069 NSC-CD4069 Datasheet
137Kb / 6P
Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069 Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069 UTC-CD4069 Datasheet
203Kb / 7P
INVERTER CIRCUITS
logo
List of Unclassifed Man...
CD4069 ETC2-CD4069 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CD4069

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
CMOS LOGIC IC Inverter
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
CMOS LOGIC IC Schmitt Inverter
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Inverter
ELM7SHU04XB ELM-TECH-ELM7SHU04XB Datasheet
278Kb / 3P
HIGH SPEED CMOS LOGIC IC Unbuffer Inverter
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
CMOS LOGIC IC Unbuffer Inverter
ELM7SH04MB-EL ELM-TECH-ELM7SH04MB-EL Datasheet
311Kb / 3P
HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
ELM7S04B ELM-TECH-ELM7S04B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7S04B Inverter
ELM7S14B ELM-TECH-ELM7S14B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7S14B Schmitt Inverter
ELM7SU04B ELM-TECH-ELM7SU04B_17 Datasheet
602Kb / 3P
CMOS LOGIC IC ELM7SU04B Unbuffer Inverter
ELM7SH04XB ELM-TECH-ELM7SH04XB_17 Datasheet
604Kb / 3P
HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com