Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4148CC Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MMBD4148CC
Description  MMBD4148CC SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MMBD4148CC Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MMBD4148CC Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MMBD4148CC Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MMBD4148CC Datasheet HTML 3Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
Data Sheet N2108, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MMBD4148CC
MMBD4148CC SURFACE MOUNT
FAST SWITCHING DIODE
Characteristic
Symbol
Limits
Units
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
Average Rectified Current
IF(AV)
200
mA
Non-Repetitive Peak Forward Surge Current @t=1.0s
@t=1.0us
IFSM
1.0
2.0
A
Power Dissipation
Ptot
350
mW
Typical Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Low Current Leakage
Small Outline Surface Mount Package
RoHS compliant / Green EMC
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23
Case: SOT-23, Molded Plastic
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.008g


Similar Part No. - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148CC FAIRCHILD-MMBD4148CC Datasheet
63Kb / 4P
Small Signal Diode
logo
Micro Commercial Compon...
MMBD4148CC MCC-MMBD4148CC Datasheet
106Kb / 2P
High Conductance Ultra Fast Diode 350mW
logo
Jiangsu Changjiang Elec...
MMBD4148CC JIANGSU-MMBD4148CC Datasheet
130Kb / 2P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
MMBD4148CC TEL-MMBD4148CC Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
MMBD4148CC BILIN-MMBD4148CC Datasheet
197Kb / 3P
Surface mount switching diode
More results

Similar Description - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com