Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD4541
Description  PROGRAMMABLE TIMER CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541 Datasheet(HTML) 4 Page - Unisonic Technologies

  CD4541 Datasheet HTML 1Page - Unisonic Technologies CD4541 Datasheet HTML 2Page - Unisonic Technologies CD4541 Datasheet HTML 3Page - Unisonic Technologies CD4541 Datasheet HTML 4Page - Unisonic Technologies CD4541 Datasheet HTML 5Page - Unisonic Technologies CD4541 Datasheet HTML 6Page - Unisonic Technologies CD4541 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTCCD4541
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
www.unisonic.com.tw
QW-R502-037,A
AC ELECTRICAL CHARACTERISTICS
(Note 4, Ta=25℃, CL=50pF (refer to test circuits))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Rise Time
tTLH
VDD=5V
VDD=10V
VDD=15V
50
30
25
200
100
80
ns
Output Fall Time
tTHL
VDD=5V
VDD=10V
VDD=15V
50
30
25
200
100
80
ns
Turn-Off, Turn-On Propagation
Delay,
Clock to Q (2
8 Output)
tPLH, tPHL
VDD=5V
VDD=10V
VDD=15V
1.8
0.6
0.4
4.0
1.5
1.0
μs
Turn-On, Turn-Off Propagation
Delay,
Clock to Q (2
16 Output)
tPHL, tPLH
VDD=5V
VDD=10V
VDD=15V
3.2
1.5
1.0
8.0
3.0
2.0
μs
Clock Pulse Width
tWH(CL)
VDD=5V
VDD=10V
VDD=15V
400
200
150
200
100
70
ns
Clock Pulse Frequency
fCL
VDD=5V
VDD=10V
VDD=15V
2.5
6.0
8.5
1.0
3.0
4.0
MHz
MR Pulse Width
tWH(R)
VDD=5V
VDD=10V
VDD=15V
400
200
150
170
75
50
ns
Average Input Capacitance
CI
Any Input
5.0
7.5
pF
Power Dissipation Capacitance
(Note 5)
CPD
100
pF
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com