Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHR801 Datasheet(PDF) 24 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RHR801 Datasheet HTML 20Page - STMicroelectronics RHR801 Datasheet HTML 21Page - STMicroelectronics RHR801 Datasheet HTML 22Page - STMicroelectronics RHR801 Datasheet HTML 23Page - STMicroelectronics RHR801 Datasheet HTML 24Page - STMicroelectronics RHR801 Datasheet HTML 25Page - STMicroelectronics RHR801 Datasheet HTML 26Page - STMicroelectronics RHR801 Datasheet HTML 27Page - STMicroelectronics RHR801 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Parameters and implementation
RHR801
5.6
Application examples
5.6.1
Inverting comparator with hysteresis
The RHR801 comparator has a typical 2.5 mV implemented input voltage hysteresis which
improves device stability and ensures a clean output response when the input signal
amplude is relative small or moving slowly. However, in certain situations, like in noisy
environments, it is desirable to increase the hysteresis value. This can easily be done by
an external positive feedback network connected to the device.
Figure 44: External hysteresis circuit
Figure 44 shows the circuit with positive feedback between the output and non-inverting
input. Threshold voltages are given by the R1, R2, and R3 ratio and the VCC power supply
voltage. Neglecting input bias current and output voltage drop, VTH+, and VTH- can be
calculated using Equation 1.
Equation 1
The symbol “|” represents a resistors parallel combination. The threshold voltages of Figure
44 are set to VTH+ = 1.1 V and VTH- = 1.3 V.
5.6.2
Fast signal recovery
The circuit in Figure 45 represents an example of a simple translator input signal from a 50
Ω transmission line to a CMOS compatible output.
OUT
IN
R1
R3
100n
R2
9.1k
2.7k
VOL
VOH
VIN
VOUT
VTH+ VTH-
RHR801
3 V to 5 V
24/32
DocID026299 Rev 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com