Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA540_V01 Datasheet HTML 17Page - STMicroelectronics STA540_V01 Datasheet HTML 18Page - STMicroelectronics STA540_V01 Datasheet HTML 19Page - STMicroelectronics STA540_V01 Datasheet HTML 20Page - STMicroelectronics STA540_V01 Datasheet HTML 21Page - STMicroelectronics STA540_V01 Datasheet HTML 22Page - STMicroelectronics STA540_V01 Datasheet HTML 23Page - STMicroelectronics STA540_V01 Datasheet HTML 24Page - STMicroelectronics STA540_V01 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
STA540
24/25
Doc ID 13907 Rev 6
8
Revision history
Table 6.
Document revision history
Date
Revision
Changes
May-2006
1
Initial release
Sep-2006
2
Minor non-technical edits
Oct-2007
3
Updated description on page 1
Updated pin naming, numbering in all relevant figures
Minor non-technical edits
21-Jan-2008
4
Updated power specifications on pages 1, 6 and 8
Updated short-circuit output current in Table 5
02-Apr-2012
5
Modified VST-BY to VSB and updated parameters in Table 5: Electrical
characteristics
Updated ECOPACK® text in Section 7: Package information
24-Apr-2012
6
Updated dimension A in Figure 30: Mechanical data and package
dimensions (Multiwatt15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com