Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA540 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 12Page - STMicroelectronics STA540 Datasheet HTML 13Page - STMicroelectronics STA540 Datasheet HTML 14Page - STMicroelectronics STA540 Datasheet HTML 15Page - STMicroelectronics STA540 Datasheet HTML 16Page - STMicroelectronics STA540 Datasheet HTML 17Page - STMicroelectronics STA540 Datasheet HTML 18Page - STMicroelectronics STA540 Datasheet HTML 19Page - STMicroelectronics STA540 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Thermal information
STA540
16/25
Doc ID 13907 Rev 6
5.1.3
Calculations using music power
The thermal resistance value calculated in each of the two above examples specifies a
heatsink capable of sustaining the maximum dissipated power. Realistically, however, and
as explained in the Application Note (AN1965), the heatsink can be smaller when the
application is musical content.
When music power is considered the resulting dissipation is about 40% less than the
calculated maximum. Thus, smaller or cheaper heatsinks can be employed. The heatsink
thermal resistance values are modified as follows:
for example 5.1.1: 10.5 W - 40% = 6.3 W, thus giving Rth_c-amb = 14° C/W,
for example 5.1.2: 21 W - 40% = 12.6 W, thus giving Rth_c-amb = 6° C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com