Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N6F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL90N6F7
Description  N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N6F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL90N6F7_V01 Datasheet HTML 1Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 2Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 3Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 4Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 5Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 6Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 7Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 8Page - STMicroelectronics STL90N6F7_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD (1)
Forward on voltage
ISD = 21 A, VGS = 0 V
-
1.2
V
trr
Reverse recovery time
ID = 21 A, di/dt = 100 A/µs
VDD = 48 V
-
39.6
ns
Qrr
Reverse recovery charge
-
36
nC
IRRM
Reverse recovery current
-
1.8
A
1. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STL90N6F7
Electrical characteristics
DS10917 - Rev 3
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com