Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N6F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL90N6F7
Description  N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N6F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL90N6F7 Datasheet HTML 1Page - STMicroelectronics STL90N6F7 Datasheet HTML 2Page - STMicroelectronics STL90N6F7 Datasheet HTML 3Page - STMicroelectronics STL90N6F7 Datasheet HTML 4Page - STMicroelectronics STL90N6F7 Datasheet HTML 5Page - STMicroelectronics STL90N6F7 Datasheet HTML 6Page - STMicroelectronics STL90N6F7 Datasheet HTML 7Page - STMicroelectronics STL90N6F7 Datasheet HTML 8Page - STMicroelectronics STL90N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics curves
Figure 1. Safe operating area
GIPG100615OD6CLSOA
10 2
10 1
10 0
10 -1
10 0
10 1
I D
(A)
V DS (V)
T j = 175 °C
T c = 25 °C
single pulse
100 µs
1 ms
10 ms
10 ms
Figure 2. Thermal impedance
GIPG100615OD6CLZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
t p (s)
Figure 3. Output characteristics
GIPG100615OD6CLOCH
160
120
80
40
0
0
2
4
6
8
I D
(A)
V DS (V)
V GS = 8, 9, 10 V
V GS = 7 V
V GS = 6 V
V GS = 5 V
Figure 4. Transfer characteristics
GIPG100615OD6CLTCH
150
100
50
0
0
2
4
6
8
I D
(A)
V GS (V)
V DS = 10 V
Figure 5. Gate charge vs gate-source voltage
GIPG100615OD6CLQVG
12
10
8
6
4
2
0
0
10
20
30
V GS
(V)
Q g (nC)
V DD = 30
I D = 21 A
Figure 6. Static drain-source on-resistance
GIPG100615OD6CLRID
4.8
4.6
4.4
4.2
4.0
0
6
12
18
R DS(on)
(mΩ)
I D (A)
V GS = 10 V
STL90N6F7
Electrical characteristics curves
DS10917 - Rev 3
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com