Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA40N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA40N60M2
Description  N-channel 600 V, 78 mΩ typ., 34 A MDmesh M2 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA40N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA40N60M2 Datasheet HTML 2Page - STMicroelectronics STWA40N60M2 Datasheet HTML 3Page - STMicroelectronics STWA40N60M2 Datasheet HTML 4Page - STMicroelectronics STWA40N60M2 Datasheet HTML 5Page - STMicroelectronics STWA40N60M2 Datasheet HTML 6Page - STMicroelectronics STWA40N60M2 Datasheet HTML 7Page - STMicroelectronics STWA40N60M2 Datasheet HTML 8Page - STMicroelectronics STWA40N60M2 Datasheet HTML 9Page - STMicroelectronics STWA40N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 7. Capacitance variations
(V)
(pF)
1
100
Ciss
Coss
Crss
10000
C
1000
100
10
1
0.1
10
VDS
AM16104v1
Figure 8. Output capacitance stored energy
Eoss
5
0
0
100
VDS(V)
(µJ)
400
200 300
500 600
10
15
AM16105v1
Figure 9. Normalized gate thereshold voltage vs
temperature
VGS(th)
0.9
0.8
0.7
0.6
TJ(°C)
(norm)
-50
1.0
ID=250µA
0
50
100
1.1
AM15718v1
Figure 10. Normalized on-resistance vs temperature
RDS(on)
2.1
1.7
1.3
0.9
TJ(°C)
(norm)
0.5
-50
0
50
100
ID=17 A
AM15719v1
Figure 11. Normalized V(BR)DSS vs temperature
V(BR)DSS
-50
TJ(°C)
(norm)
D
AM15714v1
0.90
Figure 12. Source-drain diode forward characteristics
VSD
0
ISD(A)
(V)
6
0.5
0.6
0.7
0.8
0.9
12
18
1.0
TJ= -50°C
TJ= 25°C
TJ= 150°C
24
30
GIPD240920132025FSR
STWA40N60M2
Electrical characteristics (curves)
DS11877 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com