Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8539SCASP3 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8539SCASP3
Description  NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8539SCASP3 Datasheet(HTML) 1 Page - Schneider Electric

  8539SCASP3 Datasheet HTML 1Page - Schneider Electric 8539SCASP3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Combination Starter, Type
S, HHL electronic motor circuit
protector, Size 1, 27A, 3 phase, 120
VAC coil, NEMA 12
8539SCASP3
Product availability : Stock - Normally stocked in distribution
facility
Price* : 5,039.00 USD
Main
Product
Combination Starter
Type
S
Control Circuit Type
Separate control circuit
Complementary
Control Circuit Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Starter Type
Non reversing
Number of Poles
3P
Horsepower Rating
0.25…5 hp 200 V AC, 3 phase
0.25…7.5 hp 230 V AC, 3 phase
0.25…10 hp 460 V AC, 3 phase
0.25…10 hp 575 V AC, 3 phase
Maximum Voltage Rating
600 V AC
Control Units
Selector switch HAND-OFF-AUTO)
Pilot Light
Red indicator on LED
Green indicator off LED
Auxiliary Contacts
2 NO + 2 NC
Thermal overload type
Melting alloy 3
Disconnect Type
Circuit breaker, 30 A, electrical SPDT
Circuit breaker type
EMCP
Breaking capacity
100 kA 480 V AC
35 kA 600 V AC
Height
24.24 in (615.70 mm)
Depth
9.84 in (249.94 mm)
Width
9.62 in (244.35 mm)
Handle Swing
3.25 in (82.55 mm)
Environment
Enclosure Type
NEMA 12 painted sheet steel with external reset
NEMA size
1
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Oct 5, 2023
1


Similar Part No. - 8539SCASP3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8539SCASP6 SCHNEIDER-8539SCASP6 Datasheet
124Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 5, 2023
More results

Similar Description - 8539SCASP3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8539SCASP6 SCHNEIDER-8539SCASP6 Datasheet
124Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 5, 2023
8539SCA45V02S SCHNEIDER-8539SCA45V02S Datasheet
100Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCA54V02AP1P2S SCHNEIDER-8539SCA54V02AP1P2S Datasheet
65Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCA54V02ES SCHNEIDER-8539SCA54V02ES Datasheet
103Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCA54V81CF4T SCHNEIDER-8539SCA54V81CF4T Datasheet
109Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCA54V81FF4H309T10X11 SCHNEIDER-8539SCA54V81FF4H309T10X11 Datasheet
110Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCA55V02S SCHNEIDER-8539SCA55V02S Datasheet
108Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Oct 11, 2023
8539SCG44V81CFF4P1T SCHNEIDER-8539SCG44V81CFF4P1T Datasheet
108Kb / 2P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 1
Oct 11, 2023
8539SCA44S8V02S SCHNEIDER-8539SCA44S8V02S Datasheet
66Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Jan 10, 2024
8539SCA54S8V02S SCHNEIDER-8539SCA54S8V02S Datasheet
73Kb / 3P
NEMA Combination Starter, Type S, HHL electronic motor circuit protector, Size 1, 27A, 3 phase, 120 VAC coil, NEMA 12
Jan 10, 2024
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com