Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL08030AV Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TL08030AV
Description  80.0 MHz IF SAW Filter / 31.54 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL08030AV Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TL08030AV Datasheet HTML 1Page - Transko Electronics, Inc. TL08030AV Datasheet HTML 2Page - Transko Electronics, Inc. TL08030AV Datasheet HTML 3Page - Transko Electronics, Inc. TL08030AV Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL08030AV
Transko Electronics, Inc.
3981 E. Miraloma Ave., Anaheim CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com
E-mail: sales@transko.com
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
RoHS
Compliant
a
Electrical Characteristics
a
MAXIMUM RATING
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Operating Temperature Range
°C
-10
-
75
Storage Temperature Range
°C
-40
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Package type & size
V
Length x Width
mm²
-
13.3 x 6.5
-
Height
mm
-
-
1.8
ELECTRICAL SPECIFICATION
PARAMETERS DESCRIPTION
UNIT
MINIMUM
TYPICAL
MAXIMUM
Center Frequency (Fo)
MHz
-
80.00
-
Insertion Loss at Fo
dB
-
17.00
18.50
Group Delay Variation at Fo ± 14.32 MHz
nsec
-
16
35
Absolute Delay at Fo
usec
-
0.98
-
Passband Ripple Variation at Fo ± 14.32 MHz
dB
-
0.30
0.70
Bandwidth at -1dB
MHz
31.00
31.54
-
Bandwidth at -3dB
MHz
-
32.48
-
Bandwidth at -30dB
MHz
-
35.63
35.90
Bandwidth at -40dB
MHz
-
36.19
-
Ultimate Rejection
dB
40
46
-
Temperature Coefficient
ppm/°C
-
-86
-
Notes : (1) With Matching Network (Ref. Testing Environment Circuit as shown below).
Those impedances could be modified with different impedance values and/or structures, if necessary.
 80.0 MHz IF SAW Filter / 31.54 MHz Bandwidth
 Revision 0: 10 Feb. 2009


Similar Part No. - TL08030AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
TL080CD TI-TL080CD Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL080CP TI-TL080CP Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL080CP TI-TL080CP Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - TL08030AV

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
240501B ITF-240501B Datasheet
171Kb / 2P
80.0 MHz SAW Filter
logo
Oscilent Corporation
821-IF80.0M-20A OSCILENT-821-IF80.0M-20A Datasheet
520Kb / 6P
80.0 MHz IF SAW Filter 20.20 MHz Bandwidth
821-IF80.0M-29A OSCILENT-821-IF80.0M-29A Datasheet
221Kb / 6P
80.0 MHz IF SAW Filter 29.65 MHz Bandwidth
821-IF80.0M-30A OSCILENT-821-IF80.0M-30A Datasheet
221Kb / 6P
80.0 MHz IF SAW Filter 30.20 MHz Bandwidth.
821-IF80.0M-30B OSCILENT-821-IF80.0M-30B Datasheet
213Kb / 6P
80.0 MHz IF SAW Filter 29.95 MHz Bandwidth
821-IF80.0M-30C OSCILENT-821-IF80.0M-30C Datasheet
218Kb / 6P
80.0 MHz IF SAW Filter 30.18 MHz Bandwidth
logo
Transko Electronics, In...
TA08020AD1 TRANSKO-TA08020AD1 Datasheet
557Kb / 4P
80.0 MHz IF SAW Filter / 20.20 MHz Bandwidth
Revision 0: 09. May 2008
TA08020CD1 TRANSKO-TA08020CD1 Datasheet
526Kb / 4P
80.0 MHz IF SAW Filter / 19.82 MHz Bandwidth
Revision 0: 10. Mar. 2009
TA08030AD1 TRANSKO-TA08030AD1 Datasheet
571Kb / 4P
80.0 MHz IF SAW Filter / 30.20 MHz Bandwidth
Revision 0: 29. Aug. 2008
TA08030CD1 TRANSKO-TA08030CD1 Datasheet
566Kb / 4P
80.0 MHz IF SAW Filter / 30.18 MHz Bandwidth
Revision 0: 11. Mar. 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com