Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7EC-LM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7EC-LM
Description  Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC-LM Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7EC-LM Datasheet HTML 1Page - Omron Electronics LLC H7EC-LM Datasheet HTML 2Page - Omron Electronics LLC H7EC-LM Datasheet HTML 3Page - Omron Electronics LLC H7EC-LM Datasheet HTML 4Page - Omron Electronics LLC H7EC-LM Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H7EC
H7EC
2
Supply voltage
Not required (powered by built-in battery)
AC/DC voltage input:
24 to 240 VAC
± 10%, 50/60 Hz, or
6 to 240 VDC
± 10% at "High" (logic) level
0 to 1.5 VAC
± 10%, 50/60 Hz, or
0 to 2 VDC
± 10% at "Low" (logic) level
Input
DC voltage input: 4.5 to 30 VDC at "High" (logic) level
0 to 2 VDC at "Low" (logic) level
No-voltage input:
Maximum short-circuit impedance: 10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 500 k
Ω min.
Maximum counting
1 kcps: Minimum signal width 0.5 ms
speed*
30 cps: Minimum signal width 16.7 ms
20 cps: Minimum signal width 25 ms
Reset time
External and manual reset types (6-digit models): 20 ms reset signal
External reset types (7-digit models): 20 ms reset signal
* ON/OFF ratio 1:1
s RATINGS
Specifications
Timing Chart
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC 50/60 Hz for 1 minute between current-carrying terminals and exposed
non-current-carrying metal parts
Vibration
Mechanical durability: 10 to 55 Hz; 0.75 mm (0.03 in) double amplitude
Malfunction durability: 10 to 55 Hz; 0.3 mm (0.02 in) double amplitude
Shock
Mechanical durability: Approx. 30 G
Malfunction durability: Approx. 10 G
Ambient temperature
Operating: -10
° to 55°C (14° to 131°F)
Storage: -25
° to 65°C (-13° to 149°F)
Humidity
Operating: 35 to 85% RH
Battery life
30 cps type: 7 years min. of continuous input
1 kcps and 20 cps types: 6 years min. of continuous input
Weight
AC/DC voltage input type: Approx. 90 g (3.18 oz)
DC voltage and No-voltage input types: Approx. 60 g (2.12 oz)
(including mounting bracket)
s CHARACTERISTICS
Approved by the following standards
UL
CSA
CE (EMC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com