Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-8 Datasheet(PDF) 49 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 45Page - Analog Devices ADFS7124-8 Datasheet HTML 46Page - Analog Devices ADFS7124-8 Datasheet HTML 47Page - Analog Devices ADFS7124-8 Datasheet HTML 48Page - Analog Devices ADFS7124-8 Datasheet HTML 49Page - Analog Devices ADFS7124-8 Datasheet HTML 50Page - Analog Devices ADFS7124-8 Datasheet HTML 51Page - Analog Devices ADFS7124-8 Datasheet HTML 52Page - Analog Devices ADFS7124-8 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 49 of 93
These pins can be used to drive external circuitry, for example, an
external multiplexer. If an external multiplexer is used to increase
the channel count, the multiplexer logic pins can be controlled
through the ADFS7124-8 general-purpose output pins. The gener-
al-purpose output pins can be used to select the active multiplexer
pin. Because the operation of the multiplexer is independent of the
ADFS7124-8, reset the modulator and filter using the SYNC pin or
by writing to the mode or configuration register each time that the
multiplexer channel is changed.
BIAS VOLTAGE GENERATOR
A bias voltage generator is included on the ADFS7124-8 (see
Figure 77). It biases the negative terminal of the selected input
channel to (AVDD − AVSS)/2. This function is useful in thermocouple
applications, as the voltage generated by the thermocouple must
be biased around some DC voltage if the ADC operates from a
single power supply. The bias voltage generator is controlled using
the VBIASx bits in the IO_CONTROL_2 register (see Table 52).
The power-up time of the bias voltage generator is dependent on
the load capacitance. Consult the Specifications section for more
details.
CLOCK
The ADFS7124-8 includes an internal 614.4 kHz clock on chip. This
internal clock has a tolerance of ±5%. Use either the internal clock
or an external clock as the clock source to the ADFS7124-8. The
clock source is selected using the CLK_SEL bits in the ADC_CON-
TROL register (see Table 53).
The internal clock can also be made available at the CLK pin. This
is useful when several ADCs are used in an application and the
devices must be synchronized. The internal clock from one device
can be used as the clock source for all ADCs in the system. Using
a common clock, the devices can be synchronized by applying a
common reset to all devices, or the SYNC pin can be pulsed.
POWER MODES
The ADFS7124-8 has three power modes: full power mode, mid
power mode, and low power mode. The mode is selected using the
POWER_MODE bits in the ADC_CONTROL register. The power
mode affects the power consumption of the device as well as
changing the controller clock frequency. A 614.4 kHz clock is used
by the device. However, this clock is internally divided, the division
factor being dependent on the power mode. Thus, the range of
output data rates and performance is affected by the power mode.
Table 51. Power Modes
Power Mode
Controller Clock
(kHz)
Output Data Rate1
(SPS)
Current
Full Power
614.4
9.37 to 19,200
See the
Specifications
section
Mid Power
153.6
2.34 to 4800
Low Power
76.8
1.17 to 2400
1 Unsettled, using a sinc3/sinc4 filter.
STANDBY AND POWER-DOWN MODES
In the standby mode, most blocks are powered down. The LDOs
remain active so that registers maintain their contents. If enabled,
the reference, internal oscillator, digital outputs P1 to P4, bias
voltage generator, and low-side power switch remain active. The
excitation currents, if enabled, also remain active in the standby
mode. These blocks can be disabled, if required, by setting the
corresponding bits appropriately. The reference detection and LDO
capacitor detection functions are disabled in the standby mode.
Other diagnostics remain active if enabled when the ADC is in the
standby mode. Diagnostics can be enabled or disabled while in the
standby mode. However, any diagnostics that require the controller
clock (reference detect, undervoltage/overvoltage detection, LDO
trip tests, memory map CRC, and MCLK counter) must be enabled
when the ADC is in the continuous conversion mode or idle mode;
these diagnostics do not function if enabled in the standby mode.
The standby current is typically 15 µA when the LDOs only are
enabled. If functions such as the bias voltage generator remain
active in the standby mode, the current increases by 36 µA typical-
ly. If the internal oscillator remains active in the standby mode,
the current increases by 22 µA typically. When exiting the standby
mode, the ADFS7124-8 requires 130 MCLK cycles to power up
and settle. The internal oscillator, if disabled in the standby mode,
requires an additional 40 µs to power up and settle. If an external
controller clock is being used, ensure that it is active before issuing
the command to exit the standby mode. Do not write to the ADC_
CONTROL register again until the ADC has powered up and
settled.
Table 52. Input/Output Control 2 Register
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x04
IO_CONTROL_2
VBIAS15
VBIAS14
VBIAS13
VBIAS12
VBIAS11
VBIAS10
VBIAS9
VBIAS8
0x0000
RW
VBIAS7
VBIAS6
VBIAS5
VBIAS4
VBIAS3
VBIAS2
VBIAS1
VBIAS0
Table 53. ADC Control Register
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01
ADC_CONTROL
0
DOUT_
RDY_DEL
CONT_READ
DATA_STATUS
CS_EN
REF_EN
0x0000
RW
POWER_MODE
Mode
CLK_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com