Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5022 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5022
Description  Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5022 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5022 Datasheet HTML 1Page - Analog Devices ADRF5022 Datasheet HTML 2Page - Analog Devices ADRF5022 Datasheet HTML 3Page - Analog Devices ADRF5022 Datasheet HTML 4Page - Analog Devices ADRF5022 Datasheet HTML 5Page - Analog Devices ADRF5022 Datasheet HTML 6Page - Analog Devices ADRF5022 Datasheet HTML 7Page - Analog Devices ADRF5022 Datasheet HTML 8Page - Analog Devices ADRF5022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5022
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 12
VDD = 3.3 V, VSS = −3.3 V, CTRL voltage (VCTRL)/EN voltage (VEN) = 0 V or VDD, and TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
45,000
MHz
INSERTION LOSS
Between RFC and RF1 and RF2 (On)
100 MHz to 18 GHz
1.2
dB
18 GHz to 26 GHz
1.4
dB
26 GHz to 35 GHz
1.6
dB
35 GHz to 40 GHz
1.9
dB
40 GHz to 45 GHz
2.3
dB
RETURN LOSS
RFC and RF1 and RF2 (On)
100 MHz to 18 GHz
20
dB
18 GHz to 26 GHz
20
dB
26 GHz to 35 GHz
20
dB
35 GHz to 40 GHz
20
dB
40 GHz to 45 GHz
20
dB
RF1 and RF2 (Off)
100 MHz to 18 GHz
19
dB
18 GHz to 26 GHz
19
dB
26 GHz to 35 GHz
17
dB
35 GHz to 40 GHz
14
dB
40 GHz to 45 GHz
13
dB
ISOLATION
Between RFC and RF1 and RF2 (Off)
100 MHz to 18 GHz
55
dB
18 GHz to 26 GHz
55
dB
26 GHz to 35 GHz
55
dB
35 GHz to 40 GHz
50
dB
40 GHz to 45 GHz
47
dB
Between RF1 and RF2
100 MHz to 18 GHz
60
dB
18 GHz to 26 GHz
58
dB
26 GHz to 35 GHz
50
dB
35 GHz to 40 GHz
47
dB
40 GHz to 45 GHz
43
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
3
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
20
ns
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RFOUT
30
ns
INPUT LINEARITY1
f = 100 MHz to 40 GHz
0.1 dB Power Compression
P0.1dB
31
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 14 dBm each tone, Δf = 1
MHz
55
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
140
µA
Negative Supply Current
ISS
510
µA
DIGITAL CONTROL INPUTS
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
CTRL
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com