Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06DPCG5 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 06DPCG5
Description  SWITCHING TRANSIENT FILTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

06DPCG5 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  06DPCG5 Datasheet HTML 1Page - Delta Electronics, Inc. 06DPCG5 Datasheet HTML 2Page - Delta Electronics, Inc. 06DPCG5 Datasheet HTML 3Page - Delta Electronics, Inc. 06DPCG5 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SERIES DIMENSIONS
0.63
16.0
2.04
51.8
3.34
84.8
2.94
74.7
1.575
40.01
2.04
51.8
1.77
45.0
0.63
16.0
1.575
40.01
2.27
57.7
1.77
45.0
5.63
143.0
6.04
153.4
DIMENSIONS IN INCHES/mm
AB
C
D
E
2.77
70.4
3.75
95.2
2.53
64.8
3.14
79.5
2.55
64.8
6.50
165.1
5.27
133.9
6.50
165.1
3.10
78.7
DIMENSIONS IN INCHES/mm
A
BC
D
EFG
75.0
2.95
84.8
3.34
52.0
2.05
65.6
2.58
39.2
1.54
4.06
103.0
56.5
2.22
95.5
3.76
46.4
1.83
114.0
4.49
143.0
5.63
152.9
6.02
134.7
5.30
52.0
2.05
45.3
1.78
3.90
99.0
109.5
4.31
120.0
4.72
2.01
51.0
2.62
66.5
3.39
86.0
2.28
58.0
CURRENT
RATING
STYLE
CG5S
CW5S
DG3S
DW3S
CG5
CW5
CG5
DW3
3A
3A
3A
3A
6A
6A
10A
6A
CG5B, CW5B
CG5B, CW5B
CG5B, CW5B
GG5B, CW5B, CS5B
3A
6A
12A
16A
CURRENT
RATING
STYLE
DIMENSIONS IN INCHES/mm
A
BC
D
EFG
2.40
61.00
45.5
1.79
51.3
2.02
30.0
1.18
71.5
2.81
2.95
75.00
84.8
3.34
51.8
2.04
2.52
64.0
1.54
39.2
3.94
100.0
3A
6A
12A
16A
CURRENT
RATING
STYLE
20A
30A
CG5C, CW5C
CG5C, CW5C
CG5C, CW5C
CG5C, CW5C, CS5C
CG5C, CW5C
CS5C
4.06
103.00
4.49
114.0
2.22
56.5
3.74
95.0
1.83
46.4
3.90
99.0
4.31
109.5
4.72
120.0
2.01
51.0
2.62
66.5
3.39
86.0
2.28
58.0
3.94
100.0
3.94
100.0
3.94
100.0
INSERTION LOSS (TYPICAL)
10DPCG5
06DPCG5
100 dB
10K
100K
1M
40 dB
80 dB
60 dB
20 dB
0dB
10M
80 dB
100 dB
10K
60 dB
100K
1M
03DPCG5S
40 dB
20 dB
0dB
COMMON MODE
10M
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
03DPDG3S
03DPDW3S
06DPCG5B
10K
80 dB
100 dB
60 dB
100K
40 dB
20 dB
03DPCG5B
0dB
1M
10M
16DPGG5B
80 dB
100 dB
10K
60 dB
100K
40 dB
20 dB
12DPCG5B
0dB
1M
10M
6-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com