Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5200 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5200
Description  POWER AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5200 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5200 Datasheet HTML 1Page - Unisonic Technologies 2SC5200 Datasheet HTML 2Page - Unisonic Technologies 2SC5200 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SC5200 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R214-005,A
POWER AMPLIFIER
APPLICATIONS
FEATURES
* Recommended for 100W High Fidelity Audio Frequency
Amplifier Output Stage.
* Complementary to UTC 2SA1943
TO-3PL
*Pb-free plating product number: 2SC5200L
ABSOLUTE MAXIMUM RATINGS (TC = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
230
V
Collector-Emitter Voltage
VCEO
230
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
15
A
Base Current
IB
1.5
A
Collector Power Dissipation (Tc=25℃)
PC
150
W
Junction Temperature
TJ
150
℃
Storage Temperature Range
Tstg
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (Tc=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
V(BR) CEO IC= 50mA, IB=0
230
V
Collector-Emitter Saturation Voltage
VCE (sat)
IC= 8A, IB= 0.8A
0.40
3.0
V
Base -Emitter Voltage
VBE
VCE= 5V, IC= 7A
1.0
1.5
V
Collector Cut-off Current
ICBO
VCB = 230V, IE=0
5.0
μ
A
Emitter Cut-off Current
IEBO
VEB= 5V, IC=0
5.0
μ
A
hFE1
VCE= 5V, IC= 1A
55
160
DC Current Gain
hFE2
VCE= 5V, IC= 7A
35
60
Transition Frequency
fT
VCE= 5V, IC= 1A
30
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE=0, f=1MHz
200
pF
Note: hFE (1) Classification, R : 55 ~ 110, O : 80 ~ 160
CLASSIFICATION OF HFE1
RANK
R
O
Range
55 ~ 110
80 ~ 160


Similar Part No. - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
NPN Epitaxial Silicon Transistor
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC5200 TOSHIBA-2SC5200 Datasheet
127Kb / 4P
Power Amplifier Applications
logo
New Jersey Semi-Conduct...
2SC5200 NJSEMI-2SC5200 Datasheet
281Kb / 2P
POWER AMPLIFIER APPLICATION
logo
Thinki Semiconductor Co...
2SC5200 THINKISEMI-2SC5200 Datasheet
424Kb / 2P
150 Watt Silicon NPN Power Transistors
More results

Similar Description - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com