Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1804-Q-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD1804-Q-TN3-R
Description  HIGH CURRENT SWITCHING APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1804-Q-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD1804-Q-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD1804-Q-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD1804-Q-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD1804-Q-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD1804-Q-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1804
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R209-006,C
TYPICAL CHARACTERISTICS
0
00.4
2.0
1.6
1.2
0.8
2
4
6
8
10
0
02
10
8
6
4
1
2
3
4
5
IB=0
10mA
20mA
30mA
40mA
50mA
100mA
60mA
30mA
25mA
20mA
15mA
10mA
5mA
IB=0
70mA
80mA
90mA
Collector to Emitter Voltage, VCE (V)
IC -VCE
Collector to Emitter Voltage, VCE (V)
IC -VCE
0
00.2
0.8
0.6
0.4
1
2
3
4
9
8
7
6
5
1.0
1.2
7
5
3
2
100
0.1
0.01
7
5
3
2
1.0
2
10
2
2
3
5
7
1000
VCE=2V
Ta=75℃
Ta=25℃
VCE=2V
Ta=75℃
7
5
3
10
2
Ta=-25℃
Ta=25℃
3
5
7
Base to Emitter Voltage, VBE (V)
IC -VBE
Collector Current, IC (A)
hFE -IC
Ta=-25℃
7
5
3
2
100
0.1
7
5
3
2
1.0
7
2
3
5
2
3
5
10
7
5
3
2
100
10
1.0
7
5
3
2
100
7
2
3
5
f=1MHz
2
3
5
10
7
5
3
2
10
VCE=5V
7
5
fT -IC
Colletcor Current, IC (A)
Cob -VCB
Colletcor to Base Voltage, VCB (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com