Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6208L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BA6208L-S08-R
Description  REVERSIBLE MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6208L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BA6208L-S08-R Datasheet HTML 1Page - Unisonic Technologies BA6208L-S08-R Datasheet HTML 2Page - Unisonic Technologies BA6208L-S08-R Datasheet HTML 3Page - Unisonic Technologies BA6208L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BA6208
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R109-004,C
TEST CIRCUIT
Q
4
R11
Q2
R2
R1
R32
Q3
D1
R3
R30
R4
R
5
R13
R12
R26
Q5
Q9
7(2)
Bout
Q6
Q 7
Q10
Q
11
Q12
Q
14
R21
R
14
Q15
R20
8(4)
Q13
Aout
R29
R22
R23
Q16
R
31
R24
R25
D2
Q18
Q
17
R26
R27
R18
R15
2(5)
Q19
R16
R
17
R19
BIN
Q20
5(3,7)
6(1)
VCC
GND
3(8)
AIN
Q6
Q1
R8
R6
R9
R7
R10
Note: (
): pin number of 8 pins package.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com