Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5101-AG6-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # L5101-AG6-R
Description  WHITE LED STEP-UP CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101-AG6-R Datasheet(HTML) 8 Page - Unisonic Technologies

  L5101-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 4Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 5Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 6Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 7Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 8Page - Unisonic Technologies L5101-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
L5101
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-026,A
TYPICAL CHARACTERISTICS
30
24
5
3
60
Supply Voltage(V)
50
70
6
40
FB=VIN
Non-Switching
Supply Current vs. Supply Voltage(V)
0.6
24
5
3
1.4
Supply Voltage(V)
1.0
1.6
6
0.8
Supply Current vs. Supply Voltage(V)
FB=GND
Switching
1.2
0.8
2.5
4.0
5.0
3.5
1.3
Supply Voltage (V)
1.1
1.4
6.0
0.9
RDS-ON vs. Supply Voltage (V)
4.5
5.5
3.0
1.0
1.2
60
015
5
85
LED Current (mA)
75
90
20
65
3 LEDs Efficiency vs. LED Current
10
70
80
3 LEDs, 6.8μH
L1: 976AS-6R8M, TOKO
D1: RB521S-30, ROHM
VIN = 3.0V
VIN = 4.2V
VIN = 3.6V
60
015
5
85
LED Current (mA)
75
90
20
65
3 LEDs Efficiency vs. LED Current
10
70
80
3 LEDs, 10μH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
VIN = 3.0V
VIN = 4.2V
VIN = 3.6V
60
015
5
85
LED Current (mA)
75
90
20
65
4 LEDs Efficiency vs. LED Current
10
70
80
4 LEDs, 10μH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
VIN = 3.0V
VIN = 4.2V
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com