Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3305L-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L3305L-P14-R
Description  LOW VOLTAGE CLASS B AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3305L-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L3305L-P14-R Datasheet HTML 1Page - Unisonic Technologies L3305L-P14-R Datasheet HTML 2Page - Unisonic Technologies L3305L-P14-R Datasheet HTML 3Page - Unisonic Technologies L3305L-P14-R Datasheet HTML 4Page - Unisonic Technologies L3305L-P14-R Datasheet HTML 5Page - Unisonic Technologies L3305L-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L3305
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R107-052,A
TEST CURICT
0.1μ
RB
4.7
VO
RL= 470Ω
VB = 1.30 VDC
HAMMOND
99966
UTC L3305
6
5
9
14
11
12
3
7
4
13
10
2
1
8
10μ
10μ
10μ
0.1μ
0.1μ
0.1μ
0.1μ
RIN
3.9k
RF
200k
220
1kHz
20k
VI
10μ
10μ
820
VC
10k
Note: 1. Test Circuit Amplifier Gain = 20 Log10 ( VOUT / VIN ) + 40dB
Fig. 1 Test Circuit
2. Preamp Gain =
set at 35dB
RF
RIN
Fig. 2 Typical Hearing Aid Circuit
UTC
L3305
6
5
9
11
12
3
7
4
13
10
2
1
8
14
N/C
N/C
6.8μ
10μ
6.8μ
0.1μ
0.1μ
0.1μ
0.1μ
220k
10μ
10k
MIC
0.1μ
Receiver 400Ω
Impedance
VB = 1.30 VDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com