Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5HT Datasheet(PDF) 1 Page - TOKO, Inc

Part # 5HT
Description  Radial Type Helical Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

5HT Datasheet(HTML) 1 Page - TOKO, Inc

  5HT Datasheet HTML 1Page - TOKO, Inc 5HT Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TYPE
5HW
5HT
6Max.
0.6
1Max. 8.3Max. 2.8
2.3
3.5
0.8
φ0.4
6Max.
0.6
1Max. 8.3Max. 2.8
2.3
3.5
0.8
φ0.4
5HW Double Tuned
5HT Triple Tuned
Frequency Range: 5HW, 5HT 350~1500MHz
5HRW, 5HRT 350~1500MHz
(Unit: mm)
5HW
Test circuits 測定回路
Typical characteristics 特性曲線
(Unit: mm)
5HW
5HT
R1
R1
R2
R2
1
45
8
BOTTOM VIEW
A
接続
1
2
6
5
BOTTOM VIEW
F
接続
R1=R2=50
Ω
R1=R2=50
Ω
5HT
R1
R1
R2
R2
R2
R1
1
67
12 11
10
19
37
11
10
18
7
2
11
10
F
接続
AS
接続
C
接続
BOTTOM VIEW
R1=R2=50
Ω
BOTTOM VIEW
R1=R2=50
Ω
BOTTOM VIEW
R1=R2=50
Ω
Frequency(MHz)
: 5HW
: 5HT
100MHz/div. 10dB/div.
fo :1280MHz
IL :1.8dB
10MHz/div. 1dB/div.
Radial Type Helical Filters
ラジアルタイプヘリカルフィルタ
Features
• Compact low-profile helicalfolters, ideal for mobile
communications equipment.
• RoHS compliant
特  長
移動体通信に最適な小型薄形のヘルカルフィルタ
RoHS 指令対応
continued on next page
次頁へ続く


Similar Part No. - 5HT

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5HT BEL-5HT Datasheet
98Kb / 2P
Time-lag Fuse Series (High - Breaking Capacity)
5HT BEL-5HT Datasheet
1Mb / 4P
Time-lag Fuse Series
5HT BEL-5HT Datasheet
727Kb / 4P
Time-lag Fuse Series (High -Breaking Capacity)
logo
Bivar, Inc.
5HT BIVAR-5HT Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
logo
Bel Fuse Inc.
5HT 1-R BEL-5HT 1-R Datasheet
727Kb / 4P
Time-lag Fuse Series (High -Breaking Capacity)
More results

Similar Description - 5HT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
Helical Filters for Surface Mounting
7HW TOKO-7HW Datasheet
112Kb / 2P
Radial Type Helical Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
RADIAL TAPING FM CERAMIC FILTERS
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
logo
Glenair, Inc.
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
Helical Convoluted Tubing
logo
TOKO, Inc
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
Helical Filters, Leaded
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
Coil type EMI Filters (Digital Noise Filters)
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
HELICAL FILTERS 350MHz to 800MHz
logo
List of Unclassifed Man...
NAS1130 ETC2-NAS1130 Datasheet
274Kb / 3P
HELICAL COIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com